Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 127 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 127 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 123Page - Infineon Technologies AG TLE9263QX Datasheet HTML 124Page - Infineon Technologies AG TLE9263QX Datasheet HTML 125Page - Infineon Technologies AG TLE9263QX Datasheet HTML 126Page - Infineon Technologies AG TLE9263QX Datasheet HTML 127Page - Infineon Technologies AG TLE9263QX Datasheet HTML 128Page - Infineon Technologies AG TLE9263QX Datasheet HTML 129Page - Infineon Technologies AG TLE9263QX Datasheet HTML 130Page - Infineon Technologies AG TLE9263QX Datasheet HTML 131Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 164 page
background image
Data Sheet
127
Rev. 1.1, 2014-09-26
TLE9263QX
Serial Peripheral Interface
Notes
1. The bit I_PEAK_TH can be modified in SBC Init and Normal Mode. In SBC Stop Mode this bit is Read only but
SPI_FAIL will not be set when trying to modify the bit in SBC STOP Mode and no INT is triggered in case INT_
GLOBAL is set.
2. see Figure 26 and Figure 33 for detailed state changes of LIN and CAN Transceiver for different SBC modes
3. Failure Handling Mechanism: When the device enters Fail-Safe Mode due to a failure (TSD2, WD-Failure,...),
then the wake registers BUS_CTRL_1, BUS_CTRL_2 and WK_CTRL_2 are reset to following values (=wake
sources) ‘xxx0 1001’, ‘0000 0001’ and ‘x0xx 0111’ in order to ensure that the device can be woken again.
BUS_CTRL_2
Bus Control (Address 000 0101B)
POR / Soft Reset Value: 0000 0000B; Restart Value: 00x0 00yyB
76
54
32
10
Reserved
Reserved
I_PEAK_TH
Reserved
Reserved
Reserved
LIN2_1
LIN2_0
r
r
r
rw
r
r
r
rwh
rwh
Field
Bits
Type
Description
Reserved
7:6
r
Reserved, always reads as 0
I_PEAK_TH 5rw
VCC1 Active Peak Threshold Selection
0B
, low VCC1 active peak threshold selected (ICC1,peak_1)
1B
, higher VCC1 active peak threshold selected (ICC1,peak_2)
Reserved
4:2
r
Reserved, always reads as 0
LIN2
1:0
rwh
LIN2-Module Modes
00B , LIN2 OFF
01B , LIN2 is wake capable
10B , LIN2 Receive Only Mode
11B , LIN2 Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com