Electronic Components Datasheet Search
  English  ▼

X  

TL2575 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575
Description  TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 5 Page - Texas Instruments

  TL2575_15 Datasheet HTML 1Page - Texas Instruments TL2575_15 Datasheet HTML 2Page - Texas Instruments TL2575_15 Datasheet HTML 3Page - Texas Instruments TL2575_15 Datasheet HTML 4Page - Texas Instruments TL2575_15 Datasheet HTML 5Page - Texas Instruments TL2575_15 Datasheet HTML 6Page - Texas Instruments TL2575_15 Datasheet HTML 7Page - Texas Instruments TL2575_15 Datasheet HTML 8Page - Texas Instruments TL2575_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TL2575, TL2575HV
www.ti.com
SLVS638C – JANUARY 2006 – REVISED NOVEMBER 2014
7.5
Electrical Characteristics — TL2575
ILOAD = 200 mA, VIN = 12 V for 3.3-V, 5-V, and adjustable versions, VIN = 25 V for 12-V version, VIN = 30 V for 15-V version
(unless otherwise noted) (see Figure 11)
TL2575
PARAMETER
TEST CONDITIONS
TJ
UNIT
MIN
TYP
MAX
VIN = 12 V, ILOAD = 0.2 A
25°C
3.234
3.3
3.366
TL2575-33
25°C
3.168
3.3
3.432
4.75 V
≤ VIN ≤ 40 V,
0.2 A
≤ ILOAD ≤ 1 A
Full range
3.135
3.465
VIN = 12 V, ILOAD = 0.2 A
25°C
4.9
5
5.1
TL2575-05
25°C
4.8
5
5.2
8 V
≤ VIN ≤ 40 V,
0.2 A
≤ ILOAD ≤ 1 A
Full range
4.75
5.25
VOUT
Output voltage
V
VIN = 25 V, ILOAD = 0.2 A
25°C
11.76
12
12.24
TL2575-12
25°C
11.52
12
12.48
15 V
≤ VIN ≤ 40 V,
0.2 A
≤ ILOAD ≤ 1 A
Full range
11.4
12.6
VIN = 30 V, ILOAD = 0.2 A
25°C
14.7
15
15.3
TL2575-15
25°C
14.4
15
15.6
18 V
≤ VIN ≤ 40 V,
0.2 A
≤ ILOAD ≤ 1 A
Full range
14.25
15
15.75
VIN = 12 V, VOUT = 5 V,
25°C
1.217
1.23
1.243
ILOAD = 0.2 A
Feedback voltage
TL2575-ADJ
V
25°C
1.193
1.23
1.267
8 V
≤ VIN ≤ 40 V, VOUT = 5 V,
0.2 A
≤ ILOAD ≤ 1 A
Full range
1.18
1.28
TL2575-33
VIN = 12 V, ILOAD = 1 A
75%
TL2575-05
VIN = 12 V, ILOAD = 1 A
77%
TL2575-12
VIN = 15 V, ILOAD = 1 A
88%
η
Efficiency
25°C
TL2575-15
VIN = 18 V, ILOAD = 1 A
88%
VIN = 12 V, VOUT = 5 V,
TL2575-ADJ
77%
ILOAD = 1 A
25°C
50
100
IIB
Feedback bias current
VOUT = 5 V (ADJ version only)
nA
Full range
500
25°C
47
52
58
fo
Oscillator frequency(1)
kHz
Full range
42
63
25°C
0.9
1.2
VSAT
Saturation voltage
IOUT = 1 A
(2)
V
Full range
1.4
Maximum duty cycle(3)
25°C
93%
98%
25°C
1.7
2.8
3.6
ICL
Switch peak current(1)(2)
A
Full range
1.3
4
VIN = 40
(4), Output = 0 V
2
IL
Output leakage current
25°C
mA
VIN = 40
(4), Output = –1 V
7.5
30
IQ
Quiescent current(4)
25°C
5
10
mA
ISTBY
Standby quiescent current
OFF (ON/OFF = 5 V)
25°C
50
200
μA
(1)
In the event of an output short or an overload condition, self-protection features lower the oscillator frequency to
≈18 kHz and the
minimum duty cycle from 5% to
≈2%. The resulting output voltage drops to ≈40% of its nominal value, causing the average power
dissipated by the IC to lower.
(2)
Output is not connected to diode, inductor, or capacitor. Output is sourcing current.
(3)
FEEDBACK is disconnected from output and connected to 0 V.
(4)
To force the output transistor off, FEEDBACK is disconnected from output and connected to 12 V for the adjustable, 3.3-V, and 5-V
versions and to 25 V for the 12-V and 15-V versions.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TL2575 TL2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com