Electronic Components Datasheet Search
  English  ▼

X  

TL2575 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575
Description  TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL2575_15 Datasheet HTML 10Page - Texas Instruments TL2575_15 Datasheet HTML 11Page - Texas Instruments TL2575_15 Datasheet HTML 12Page - Texas Instruments TL2575_15 Datasheet HTML 13Page - Texas Instruments TL2575_15 Datasheet HTML 14Page - Texas Instruments TL2575_15 Datasheet HTML 15Page - Texas Instruments TL2575_15 Datasheet HTML 16Page - Texas Instruments TL2575_15 Datasheet HTML 17Page - Texas Instruments TL2575_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
TL2575, TL2575HV
SLVS638C – JANUARY 2006 – REVISED NOVEMBER 2014
www.ti.com
Typical Application (continued)
Output ripple of 50 mV to 150 mV typically can be achieved with capacitor values of 220
μF to 680 μF. Larger
COUT can reduce the ripple 20 mV to 50 mV peak to peak. To improve further on output ripple, paralleling of
standard electrolytic capacitors may be used. Alternatively, higher-grade capacitors such as high frequency, low
inductance, or low ESR can be used.
The following should be taken into account when selecting COUT:
•
At cold temperatures, the ESR of the electrolytic capacitors can rise dramatically (typically 3× nominal value
at –25°C). Because solid-tantalum capacitors have significantly better ESR specifications at cold
temperatures, they should be used at operating temperature lower than –25°C. As an alternative, tantalums
can also be paralleled to aluminum electrolytics and should contribute 10% to 20% to the total capacitance.
•
Low ESR for COUT is desirable for low output ripple. However, the ESR should be greater than 0.05 Ω to
avoid the possibility of regulator instability. Hence, a sole tantalum capacitor used for COUT is most
susceptible to this occurrence.
•
The ripple current rating of the capacitor, 52 kHz, should be at least 50% higher than the peak-to-peak
inductor ripple current.
10.1.2.3 Catch Diode
As with other external components, the catch diode should be placed close to the output to minimize unwanted
noise. Schottky diodes have fast switching speeds and low forward voltage drops and, thus, offer the best
performance, especially for switching regulators with low output voltages (VOUT < 5 V). If a high-efficiency, fast-
recovery, or ultra-fast-recovery diode is used in place of a Schottky, it should have a soft recovery (versus abrupt
turn-off characteristics) to avoid the chance of causing instability and EMI. Standard 50- to 60-Hz diodes, such as
the 1N4001 or 1N5400 series, are not suitable.
10.1.2.4 Inductor
Proper inductor selection is key to the performance-switching power-supply designs. One important factor to
consider is whether the regulator is used in continuous mode (inductor current flows continuously and never
drops to zero) or in discontinuous mode (inductor current goes to zero during the normal switching cycle). Each
mode has distinctively different operating characteristics and, therefore, can affect the regulator performance and
requirements. In many applications, the continuous mode is the preferred mode of operation, since it offers
greater output power with lower peak currents, and also can result in lower output ripple voltage. The advantages
of continuous mode of operation come at the expense of a larger inductor required to keep inductor current
continuous, especially at low output currents and/or high input voltages.
The TL2575 and TL2575HV devices can operate in either continuous or discontinuous mode. With heavy load
currents, the inductor current flows continuously and the regulator operates in continuous mode. Under light load,
the inductor fully discharges and the regulator is forced into the discontinuous mode of operation. For light loads
(approximately 200 mA or less), this discontinuous mode of operation is perfectly acceptable and may be
desirable solely to keep the inductor value and size small. Any buck regulator eventually operates in
discontinuous mode when the load current is light enough.
The type of inductor chosen can have advantages and disadvantages. If high performance or high quality is a
concern, then more-expensive toroid core inductors are the best choice, as the magnetic flux is contained
completely within the core, resulting in less EMI and noise in nearby sensitive circuits. Inexpensive bobbin core
inductors, however, generate more EMI as the open core does not confine the flux within the core. Multiple
switching regulators located in proximity to each other are particularly susceptible to mutual coupling of magnetic
fluxes from each other’s open cores. In these situations, closed magnetic structures (such as a toroid, pot core,
or E-core) are more appropriate.
Regardless of the type and value of inductor used, the inductor never should carry more than its rated current.
Doing so may cause the inductor to saturate, in which case the inductance quickly drops, and the inductor looks
like a low-value resistor (from the dc resistance of the windings). As a result, switching current rises dramatically
(until limited by the current-by-current limiting feature of the TL2575 and TL2575HV devices) and can result in
overheating of the inductor and the IC itself.
NOTE
Different types of inductors have different saturation characteristics.
14
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TL2575 TL2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com