Electronic Components Datasheet Search
  English  ▼

X  

TL2575 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575
Description  TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL2575_15 Datasheet HTML 16Page - Texas Instruments TL2575_15 Datasheet HTML 17Page - Texas Instruments TL2575_15 Datasheet HTML 18Page - Texas Instruments TL2575_15 Datasheet HTML 19Page - Texas Instruments TL2575_15 Datasheet HTML 20Page - Texas Instruments TL2575_15 Datasheet HTML 21Page - Texas Instruments TL2575_15 Datasheet HTML 22Page - Texas Instruments TL2575_15 Datasheet HTML 23Page - Texas Instruments TL2575_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
GND
GND
FEEDBACK
/ON/OFF
OUTPUT
VIN
GND
GND
Connect FEEDBACK
between two output
resistors on adjustable
version.
TL2575, TL2575HV
SLVS638C – JANUARY 2006 – REVISED NOVEMBER 2014
www.ti.com
11 Power Supply Recommendations
This device operates with a power supply range of 4.75 V to 40 V (60 V for the TL2575-HV). A 100-µF
decoupling capacitor is recommended on the input to filter noise.
12 Layout
12.1 Layout Guidelines
With any switching regulator, circuit layout plays an important role in circuit performance. Wiring and parasitic
inductances, as well as stray capacitances, are subjected to rapidly switching currents, which can result in
unwanted voltage transients. To minimize inductance and ground loops, the length of the leads indicated by
heavy lines should be minimized. Optimal results can be achieved by single-point grounding (see Figure 11) or
by ground-plane construction. For the same reasons, the two programming resistors used in the adjustable
version should be located as close as possible to the regulator to keep the sensitive feedback wiring short.
12.2 Layout Example
Figure 20. Layout Diagram (KV Package)
20
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TL2575 TL2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com