Electronic Components Datasheet Search
  English  ▼

X  

TL2575 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575
Description  TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL2575_15 Datasheet HTML 8Page - Texas Instruments TL2575_15 Datasheet HTML 9Page - Texas Instruments TL2575_15 Datasheet HTML 10Page - Texas Instruments TL2575_15 Datasheet HTML 11Page - Texas Instruments TL2575_15 Datasheet HTML 12Page - Texas Instruments TL2575_15 Datasheet HTML 13Page - Texas Instruments TL2575_15 Datasheet HTML 14Page - Texas Instruments TL2575_15 Datasheet HTML 15Page - Texas Instruments TL2575_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
TL2575, TL2575HV
SLVS638C – JANUARY 2006 – REVISED NOVEMBER 2014
www.ti.com
9.3 Feature Description
9.3.1 Feedback Connection
For fixed-voltage options, FEEDBACK must be wired to VOUT. For the adjustable version, FEEDBACK must be
connected between the two programming resistors. Again, both of these resistors should be in close proximity to
the regulator, and each should be less than 100 k
Ω to minimize noise pickup.
9.3.2 ON/OFF Input
ON/OFF should be grounded or be a low-level TTL voltage (typically < 1.6 V) for normal operation. To shut down
the TL2575 or TL2575HV devices and place in standby mode, a high-level TTL or CMOS voltage should be
supplied to this pin. ON/OFF should not be left open and safely can be pulled up to VIN with or without a pullup
resistor.
9.4 Device Functional Modes
9.4.1 Standby Mode
When a high-level TTL or CMOS voltage is applied to the ON/OFF pin, the device enters standby mode, drawing
a typical quiescent current of 50 µA.
12
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TL2575 TL2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com