Electronic Components Datasheet Search
  English  ▼

X  

AXP171 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # AXP171
Description  Enhanced Single Cell Li-Battery and Power System Management IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP171 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button AXP171 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP171 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 24/41
Enhanced single Cell Li-Battery and Power System Management IC
AXP171
Channel
000H
STEP
FFFH
Battery Voltage
0mV
1.1mV
4.5045V
Bat discharge current
0mA
0.5mA
4.095A
Bat charge current
0mA
0.5mA
4.095A
ACIN volatge
0mV
1.7mV
6.9615V
ACIN current
0mA
0.625mA
2.5594A
VBUS voltage
0mV
1.7mV
6.9615V
VBUS current
0mA
0.375mA
1.5356A
Internal temperature
-144.7℃
0.1℃
264.8℃
APS voltage
0mV
1.4mV
5.733V
TS pin input
0mV
0.8mV
3.276V
9.9 定时器(Timer)
AXP171 包含一个内部定时器,通过设置寄存器 REG8AH[6:0]可改变计时器值,其最低分辨率为分
钟(Minute),计时器超时后将置位 REG8AH[7]。
9.10 Host 接口及中断(TWSI and IRQ)
图 1:Single Read and Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com