Electronic Components Datasheet Search
  English  ▼

X  

SHTC1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHTC1
Description  Humidity and Temperature Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHTC1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHTC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.sensirion.com
Version 3 – May 2014
2/14
1 Humidity and Temperature Sensor Specifications
Relative Humidity
Parameter
Conditions
Value
Units
Accuracy tolerance1
Typ.
3.0
%RH
Max.
see Figure 2
%RH
Repeatability2
-
0.1
%RH
Resolution3
-
0.01
%RH
Hysteresis
-
1
%RH
Specified range4
extended5
0 to 100
%RH
Response time6
 63%
8
s
Long-term drift7
Typ.
<0.25
%RH/y
Table 1 Humidity sensor specifications.
Figure 2 Typical and maximal tolerance for relative humidity in
%RH at 25 °C.
1 For definition of typ. and max. accuracy tolerance, please refer to the
document “Sensirion Humidity Sensor Specification Statement”.
2 The stated repeatability is 3 times the standard deviation (3σ) of multiple
consecutive measurement values at constant conditions and is a measure for
the noise on the physical sensor output.
3 Resolution of A/D converter.
4 Specified range refers to the range for which the humidity or temperature
sensor specification is guaranteed.
5 For details about recommended humidity and temperature operating range,
please refer to section 1.1.
6 Time for achieving 63% of a humidity step function, valid at 25°C and 1 m/s
airflow. Humidity response time in the application depends on the design-in of
the sensor.
7 Typical value for operation in normal RH/T operating range. Max. value is < 0.5
%RH/y. Value may be higher in environments with vaporized solvents, out-
gassing tapes, adhesives, packaging materials, etc. For more details please
refer to Handling Instructions.
Temperature
Parameter
Conditions
Value
Units
Accuracy tolerance1
Typ.
0.3
°C
Max.
see Figure 3
°C
Repeatability2
-
0.1
°C
Resolution3
-
0.01
°C
Specified range4
-
–30 to +100
°C
Response time8
 63%
<5 to 30
s
Long-term drift 9
Typ.
<0.02
°C/y
Table 2 Temperature sensor specifications.
Figure 3 Typical and maximal tolerance for temperature sensor
in °C.
8 Temperature response time depends on heat conductivity of sensor substrate
and design-in of sensor in application.
9 Max. value is < 0.04°C/y.
±0
±2
±4
±6
±8
±10
0
10
20
30
40
50
60
70
80
90 100
ΔRH [%RH]
Relative humidity [%RH]
Maximum accuracy
Typical Accuracy
±0
±0.5
±1
±1.5
±2
-30
-10
10
30
50
70
90
ΔT [
C]
Temperature [°C]
Maximum Accuracy
Typical Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com