Electronic Components Datasheet Search
  English  ▼

X  

SHTC1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SHTC1
Description  Humidity and Temperature Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHTC1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SHTC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.sensirion.com
Version 3 – May 2014
6/14
4 Interface Specifications
The SHTC1 supports I2C fast mode (SCL clock frequency
from 0 to 400 kHz) with clock stretching. For detailed
information on the I2C protocol, refer to NXP I2C-bus
specification and user manual UM10204, Rev. 4,
February 13, 2012:
http://ics.nxp.com/support/documents/interface/pdf/I2C.bu
s.specification.pdf
The SHTC1 comes in a 4-pin package – see Table 7.
Pin Name
Comments
1
VDD Supply voltage
2
SCL Serial clock, bidirectional
3
SDA Serial data, bidirectional
4
VSS Ground
Table 7 SHTC1 pin assignment (top view). The center pad is
internally connected to VSS.
Power-supply pins supply voltage (VDD) and ground
(VSS) must be decoupled with a 100 nF capacitor that
shall be placed as close to the sensor as possible – see
Figure 6.
SCL is used to synchronize the communication between
microcontroller and the sensor. The master must keep the
clock frequency within 0 to 400 kHz as specified in Table
6. The SHTC1 may pull down the SCL line when clock
stretching is enabled.
The SDA pin is used to transfer data in and out of the
sensor. For safe communication, the timing specifications
defined in the I2C manual must be met.
To avoid signal contention, the microcontroller must only
drive SDA and SCL low. External pull-up resistors (e.g.
10 kΩ) are required to pull the signal high. For
dimensioning resistor sizes please take bus capacity
requirements into account. It should be noted that pull-up
resistors may be included in I/O circuits of
microcontrollers.
Figure 6 Typical application circuit, including pull-up resistors
RP and decoupling of VDD and VSS by a capacitor.
For good performance of the SHTC1 in the application, it
is important to know that the center pad of the SHTC1
offers the best thermal contact to the temperature sensor.
For more information on design-in, please refer to the
document “SHTxx Design Guide”.
For mechanical reasons the center pad should be
soldered. Electrically, the center pad is internally
connected to GND and may be connected to the GND net
on the PCB or left floating.
5 Operation and Communication
All commands and memory locations of the SHTC1 are
mapped to a 16-bit address space which can be accessed
via the I2C protocol.
SHTC1
Bin.
Dec.
Hex.
I2C address
111’0000
112
0x70
Table 8 SHTC1
I2C device address.
5.1 Power-Up and Communication Start
Upon VDD reaching the power-up voltage level VPOR, the
SHTC1 enters idle state after a duration of tPU. In idle
state, the SHTC1 is ready to receive commands from the
master (microcontroller).
Each transmission sequence begins with START condition
(S) and ends with an (optional) STOP condition (P) as
described in the I2C-bus specification. Whenever the
sensor is powered up, but not performing a measurement
or communicating, it automatically enters idle state for
energy saving.
Please note that in case VDD is set to 0 V (GND), e.g. in
case of a power off of the SHTC1, the SCL and SDA pads
are also pulled to GND. Consequently, the I2C bus is
blocked while VDD of the SHTC1 is set to 0 V.
5.2 Measurement Commands
The SHTC1 provides the possibility to define the sensor
behavior during measurement as well as the transmission
sequence of measurement results. These characteristics
are defined by the appropriate measurement command
(see Table 9). Each measurement command triggers both
a temperature and a humidity measurement.
Clock Stretching
Enabled
Clock Stretching
Disabled
Read T
First
Read H
First
Read T
First
Read H
First
0x7CA2
0x5C24
0x7866
0x58E0
Table 9 Measurement commands.
2
1
3
4
SHTC1
AXY89
SDA
SCL
GND
VDD
MCU (master)
RP
RP
SCL OUT
SDA OUT
SDA IN
SCL IN
SHTC1
(slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com