Electronic Components Datasheet Search
  English  ▼

X  

SHTC1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHTC1
Description  Humidity and Temperature Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHTC1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHTC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.sensirion.com
Version 3 – May 2014
1/14
Data Sheet SHTC1
Humidity and Temperature Sensor IC
Best performance-to-price ratio
Fully calibrated and reflow solderable
Ultra-low power consumption
Power-up and measurement within 1 ms
1.8 V supply voltage
Ultra-small DFN package: 2 × 2 × 0.75 mm
Typical accuracy: ±3 %RH and ±0.3 °C
Benefits of Sensirion’s CMOSens® Technology
High reliability and long-term stability
Industry-proven technology with a track record of
more than 10 years
Designed for mass production
Optimized for lowest cost
Low signal noise
Contents of this Data Sheet
1
Humidity and Temperature Sensor Specifications ............ 2
2
Electrical Specifications .................................................... 3
3
Timing Specifications ........................................................ 4
4
Interface Specifications..................................................... 6
5
Operation and Communication ......................................... 6
6
Quality............................................................................... 9
7
Packaging and Traceability............................................... 9
8
Ordering Information ......................................................... 9
9
Technical Drawings......................................................... 10
10
Further Information.......................................................... 12
Important Notices...................................................................... 14
Block diagram
Figure 1 Functional block diagram of the SHTC1.
RH sensor
T sensor
Signal conditioning
Signal conditioning
ADC
I2C interface
Calibration mem.
VDD
VSS
SDA
SCL
Data processing and system control
analog
digital
Product Summary
The SHTC1 is a digital humidity and temperature sensor
designed especially for high-volume consumer electronics
applications. This sensor is strictly designed to overcome
conventional limits for size, power consumption, and
performance to price ratio in order to fulfill current and
future requirements. Sensirion’s CMOSens® technology
offers a complete sensor system on a single chip,
consisting of a capacitive humidity sensor, a bandgap
temperature sensor, analog and digital signal processing,
A/D converter, calibration data memory, and a digital
communication interface supporting I2C fast mode. The
ultra-small, 2 × 2 × 0.75 mm3 DFN package enables
applications in even the most limited of spaces.
The sensor covers a humidity measurement range of 0 to
100 %RH and a temperature measurement range of –30
to 100 °C with a typical accuracy of ±3 %RH and ±0.3°C.
The operation voltage of 1.8 V and an energy budget
below 1 µJ per measurement make the SHTC1 suitable
for mobile or wireless applications running on the tightest
power budgets. With the industry-proven quality and
reliability of Sensirion’s humidity and temperature sensors
and constant accuracy over a large measurement range,
the SHTC1 offers an unprecedented performance-to-price
ratio. Tape and reel packaging together with suitability for
standard SMD assembly processes make the SHTC1
predestined for high-volume applications.


Similar Part No. - SHTC1

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
Humidity and Temperature Sensor IC
Version 4 - December 2022
More results

Similar Description - SHTC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
Humidity and Temperature Sensor IC
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
SHT21P ETC2-SHT21P Datasheet
342Kb / 10P
Humidity and Temperature Sensor IC
SHT25 ETC2-SHT25_15 Datasheet
516Kb / 14P
Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7006-A20 SILABS-SI7006-A20 Datasheet
1Mb / 35P
IC HUMIDITY AND TEMPERATURE SENSOR
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
SI7021-A20 SILABS-SI7021-A20 Datasheet
1Mb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
logo
MagnaChip Semiconductor...
MXH1100 MGCHIP-MXH1100 Datasheet
48Kb / 1P
Temperature and Humidity sensor IC
MXH2101 MGCHIP-MXH2101 Datasheet
32Kb / 1P
Temperature and Humidity sensor IC
logo
Sensirion AG Switzerlan...
SHTC3 SENSIRION-SHTC3 Datasheet
730Kb / 14P
Humidity and Temperature Sensor IC
Version 4 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com