Electronic Components Datasheet Search
  English  ▼

X  

SHTC1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SHTC1
Description  Humidity and Temperature Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHTC1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SHTC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.sensirion.com
Version 3 – May 2014
5/14
3.2 Communication Timings
Default conditions of 25 °C and 1.8 V supply voltage apply to values in the table below, unless otherwise stated.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Comments
SCL clock frequency
fSCL
-
0
-
400
kHz -
Hold time (repeated) START
condition
tHD;STA
After this period, the first
clock pulse is generated
0.6
-
-
µs
-
LOW period of the SCL clock tLOW
-
1.3
-
-
µs
-
HIGH period of the SCL clock tHIGH
-
0.6
-
-
µs
-
Set-up time for a repeated
START condition
tSU;STA
-
0.6
-
-
µs
-
SDA hold time
tHD;DAT
-
0
-
-
-
-
SDA set-up time
tSU;DAT
-
100
-
-
ns
-
SCL/SDA rise time
tR
-
20
-
300
ns
-
SCL/SDA fall time
tF
-
20 *
(VDD/5.5)
-
300
ns
-
SDA valid time
tVD;DAT
-
-
-
0.9
µs
-
Set-up time for STOP
condition
tSU;STO
-
0.6
-
-
µs
-
Capacitive load on bus line
CB
-
-
-
400
pF
-
Table 6 Communication timing specifications. The numbers above are values according to the I2C specification.
Figure 5 Timing diagram for digital input/output pads. SDA directions are seen from the sensor. Bold SDA lines are controlled by the
sensor, plain SDA lines are controlled by the micro-controller. Note that SDA valid read time is triggered by falling edge of preceding toggle.
SCL
70%
30%
tLOW
1/fSCL
tHIGH
tR
tF
SDA
70%
30%
tSU;DAT
tHD;DAT
DATA IN
tR
SDA
70%
30%
DATA OUT
tVD;DAT
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com