Electronic Components Datasheet Search
  English  ▼

X  

ML4664 Datasheet(PDF) 14 Page - Micro Linear Corporation

Part # ML4664
Description  10BASE-FL to 10BASE-T Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4664 Datasheet(HTML) 14 Page - Micro Linear Corporation

Back Button ML4664 Datasheet HTML 8Page - Micro Linear Corporation ML4664 Datasheet HTML 9Page - Micro Linear Corporation ML4664 Datasheet HTML 10Page - Micro Linear Corporation ML4664 Datasheet HTML 11Page - Micro Linear Corporation ML4664 Datasheet HTML 12Page - Micro Linear Corporation ML4664 Datasheet HTML 13Page - Micro Linear Corporation ML4664 Datasheet HTML 14Page - Micro Linear Corporation ML4664 Datasheet HTML 15Page - Micro Linear Corporation ML4664 Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
ML4664/ML4669
Figure 11. Typical Application Circuit.
VCC
4
2
18
J1
J4
J3
28
12
3
17
TPINP
LTF
5
11
7
8
9
2
3
6
1
2
14
12
19
17
VALOR
SF1301
OR
BEL
S556-2793-00
OR
EQUIVALENT
2:1 (TX)
1:1 (RX)
RJ45
P1
10
7
8
13
4
3
TPINN
TPOUTP
TPOUTN
TxCAP0
TxCAP1
RTSETTP
C7
0.1
µF
C6
0.1
µF
C12
0.1µF
TP
LMON
POL
DIS
TPLED
LMON
OPVCC
19
OPOUTP
HFBR1414/
OPC1414
ML4664
U1
FILTERED
VCC
16
2
3
67
RTSETOP
15
RRSET
1
CTIMER
21
VDC
25
OPINN
26
OPINP
22
6
2
1
4
5
6
73
VREF
23
VTHADJ
27
AVCC
6
VCC
14
920
24
VCC
AGND
GND
GND
POLDIS
OPLED
TF
C3
680pF
FILTERED
VCC
HFBR2416/
OPC2416
VCC
VCC
VCC
R14
50
Ω
R13
50
Ω
R15
200
Ω
R16
200
Ω
R6
330
Ω
R5
330
Ω
R7
330
Ω
R4
330
Ω
R8
330
Ω
VCC
R11
10
Ω
R9
R10*
R3
220
Ω
J2
R2
115
Ω
R1
61.9k
Ω
R17
1k
Ω
C1
0.047
µF
C2
0.1
µF
C5
0.01
µF
C4
0.01
µF
*R10: Optional to increase the sensitivity.
On this EVAL Board R9 is shorted and R10 is open.
5V
PWR
C9
33
µF
R12
510
C8
0.1
µF
C10
0.1
µF
FILTERED
VCC
VCC
L1**
L2*
* L1, L2: Fair-rite 2743019447
Ferrite beads
C11
33
µF
+
GND
OP
#
#
#
#
#
# Panasonic LNI4161C-(TR) LEDs
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com