Electronic Components Datasheet Search
  English  ▼

X  

ML4664 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4664
Description  10BASE-FL to 10BASE-T Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4664 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4664 Datasheet HTML 2Page - Micro Linear Corporation ML4664 Datasheet HTML 3Page - Micro Linear Corporation ML4664 Datasheet HTML 4Page - Micro Linear Corporation ML4664 Datasheet HTML 5Page - Micro Linear Corporation ML4664 Datasheet HTML 6Page - Micro Linear Corporation ML4664 Datasheet HTML 7Page - Micro Linear Corporation ML4664 Datasheet HTML 8Page - Micro Linear Corporation ML4664 Datasheet HTML 9Page - Micro Linear Corporation ML4664 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
ML4664/ML4669
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OP TO TP (SEE FIGURE 1)
tTPODY
Twisted Pair Start-up Delay
500
ns
tTPSDY
Twisted Pair Steady State Delay
35
ns
tTPSPW
Twisted Pair Turn Off Pulse Width
180
ns
tPS
Twisted Pair Jitter
±3.5
ns
TP TO OP (SEE FIGURE 2)
tOPODY
Optical Transmit Start-up Delay
500
ns
tOPSDY
Steady State Delay
15
ns
tOPDI
Turn Off Width from Data to Idle
400
2100
ns
1/tIDF
Idle Frequency
0.85
1.25
MHz
PIDC
Idle Duty Cycle
45
55
%
tOPJ
Jitter into 31
W Load
±1.5
ns
OPTICAL LINK VERIFICATION (SEE FIGURES 3-5)
tOLL
No Light (No Transitions) to
LMON High
3
10
µs
tOLM
Low Light (Below Threshold) to
LMON High
50
100
200
µs
tOLO
Light On (Above Threshold, Transitions
<3µs) to LMON Low
0.25
0.5
0.75
s
TWISTED PAIR LINK VERIFICATION (SEE FIGURE 6)
tLT
Link Loss Time
50
150
ms
tLTMIN
Link Time Minimum
2
7
ms
tLTMAX
Link Time Maximum
25
150
ms
LINK PULSE TRANSMIT (SEE FIGURE 7)
tLPRR
Link Pulse Rep Rate
8
16
24
ms
tLPW
Link Pulse Width
85
120
200
ns
LED TIMING (SEE FIGURE 8)
tLED
LED on Time
8
16
32
ms
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: The output current may be increased to 100mA by changing the RTSETOP resistor for the CQ (PLCC) package option only. See equation (1) on page 9. The increased
current option is not available for the CH (TQFP) package option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com