Electronic Components Datasheet Search
  English  ▼

X  

ML4664 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4664
Description  10BASE-FL to 10BASE-T Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4664 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4664 Datasheet HTML 1Page - Micro Linear Corporation ML4664 Datasheet HTML 2Page - Micro Linear Corporation ML4664 Datasheet HTML 3Page - Micro Linear Corporation ML4664 Datasheet HTML 4Page - Micro Linear Corporation ML4664 Datasheet HTML 5Page - Micro Linear Corporation ML4664 Datasheet HTML 6Page - Micro Linear Corporation ML4664 Datasheet HTML 7Page - Micro Linear Corporation ML4664 Datasheet HTML 8Page - Micro Linear Corporation ML4664 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
ML4664/ML4669
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond
which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
Power Supply Voltage Range
VCC ...................................................................GND –0.3 to 6V
Input Voltage Range: Digital Inputs
(SQEN, LBDIS) ....................... GND –0.3 to VCC +0.3V
Tx+, Tx–, VIN+, VIN– .............. GND –0.3 to VCC +0.3V
Junction Temperature ............................................. 150°C
Storage Temperature ................................ –65°C to 150°C
Lead Temperature (Soldering) ................................ 260°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = Operating Temperature Range, VCC = OPVCC = AVCC = 5V ± 5% (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Power Supply Current
RTSETOP = 115
W
140
mA
While Transmitting
VREF
Reference Voltage
C Suffix
2.30
2.60
V
I Suffix
2.25
2.67
V
VOL
LED Drivers: VOL
RL = 300 for OPLED, TPLED,
1.5
3.5
V
POLLED LTF, and LMON
IOPOUT
OP Transmit Peak Output Current
RTSETOP = 115 (Note 2) C Suffix
47
52
57
mA
I Suffix
46
58.5
mA
ITPOUT
TP Transmit Peak Output Current
RTSETTP = 220
42
mA
VTPSQ
TP Receive Squelch Voltage
300
450
585
mVP-P
HTP
TP Receive Squelch Hysteresis
50
%
VTPIN
TP Receive Input Voltage
300
3100
mVP-P
RTPIN
TP Receive Input Resistance
4
k
W
VOPTH
OP Receive Input Threshold
VTHADJ = VREF
567
mVP-P
Voltage
HOP
OP Receive Input Threshold
20
%
Hysteresis
VOPIN
OP Receive Input Voltage
2
1600
mVP-P
ROPIN
OP Receive Input Resistance
0.8
1.3
2.0
k
W
VOPCM
OP Receive Common Mode
1.65
V
Voltage
AV
Amplifier Gain
100
V/V
VOFF
Input Offset
VDC = VREF (DC Loop Inactive)
3
mV
VN
Input Referred Noise
50MHz Bandwidth
25
µV
ITH
Input Bias Current at VTHADJ
VTHADJ = VREF
–200
0
200
µA
Thermal Resistance (
qJA)
PLCC ............................................................... 68°C/W
TQFP ............................................................... 80ºC/W
OPERATING CONDITIONS
Temperature Range
ML4664/ML4669CX .................................. 0°C to 70°C
ML4664/ML4669IQ ............................... –40°C to 85°C
Supply Voltage (VCC) ......................................... 5V ± 5%
LED on Current ...................................................... 10mA
RRSET ........................................................ 61.9k
W ± 1%
RTSETOP ....................................................... 115
W ± 1%
RTSETTP ........................................................ 220
W ± 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com