Electronic Components Datasheet Search
  English  ▼

X  

ML4664 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML4664
Description  10BASE-FL to 10BASE-T Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4664 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML4664 Datasheet HTML 6Page - Micro Linear Corporation ML4664 Datasheet HTML 7Page - Micro Linear Corporation ML4664 Datasheet HTML 8Page - Micro Linear Corporation ML4664 Datasheet HTML 9Page - Micro Linear Corporation ML4664 Datasheet HTML 10Page - Micro Linear Corporation ML4664 Datasheet HTML 11Page - Micro Linear Corporation ML4664 Datasheet HTML 12Page - Micro Linear Corporation ML4664 Datasheet HTML 13Page - Micro Linear Corporation ML4664 Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
ML4664/ML4669
Link test pulses that do not occur within at most 25 to
150ms of each other are not considered consecutive.
In addition, detected pulses that occur within a time
between 2 to 7ms of a previous pulse will be considered
as noise by the link test circuitry, and will reset the count
of consecutive link pulses to zero.
If the ML4664 enters the link test fail state, both link
pulses at the twisted pair transmitter, and idle at the
optical transmitter will continue to be sent. Data will not
be sent at either transmitter.
If the ML4669 enters the link test fail state, idle will not
be sent at the optical transmitter. Data will not be sent at
either transmitter. However, link pulses may still be sent
at the twisted pair transmitter, depending on the optical
inputs. See Table 1.
POLARLITY CIRCUITRY
The ML4664/ML4669 offers automatic polarity correction.
The POLDIS pin is used to report the status of the receive
pair polarity. This pin is high when the polarity is correct,
and low when the polarity is reversed. If this pin is
grounded, the polarity correction circuit is disabled.
Polarity Detection — The internal circuitry uses the start
of idle signal to determine the receive polarity. With the
correct receive polarity, the Start of Idle signal (the end of
the frame) will remain above 300mV for more than
160ns. If the polarity is reversed, the Start of Idle signal
will end with a negative voltage.
The POLDIS status pin is updated only when four
consecutive frames are received with the same Start of
Idle polarity. In the case where the part is powered up
with the receive polarity reversed and no frames are
received, the part will go into link test fail without
reflecting a reverse polarity condition. If five consecutive
revised link pulses are then received, the polarity will
reverse and the device will come out of Link Test Fail.
TP TRANSMISSION
The TP transmit function consists of detecting the
presence of data from the OP inputs, OPINP and OPINN
and driving that data onto the transmit twisted pair
(TPOUTP, TPOUTN). A positive signal on the OPINP lead
relative to the OPINN lead will result in a positive signal
on the TPOUTP lead of the chip with respect to the
TPOUTN lead.
Before data will be transmitted onto the twisted pair from
the OP inputs, it must exceed the squelch requirements
for the OP inputs. The OP squelch circuit serves the
function of preventing any noise from being transmitted
onto the twisted pair.
The output stage of the transmitter is a current mode
switch which develops the output voltage by driving
current through the terminating resistor and the output
filter. The transmitter employs a center tap 2:1 transformer
where the center tap is tied to VCC (+5V). While one pin
of the transmit pair (TPOUTP, TPOUTN) is pulled low, the
other pin floats. The output pins to the twisted pair wires,
Figure 9. Transmit Pre-Equalization Waveform
BINARY
TxTP+
TxTP–
OUTPUT AFTER
TRANSMIT FILTER
INPUT INTO
RECEIVER
011100110
SYSTEM DESCRIPTION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com