Electronic Components Datasheet Search
  English  ▼

X  

AXP209 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
9. Control and Operation
When AXP209 powers on and TWS interface SCK / SDA pins are pulled to host IO voltage source, the host
can then adjust and monitor the AXP209. This provides f
lexible adjustment and monitoring options, and a
wealth of information.
Note: "Host" Referring to the main application processor
Note: "External power supply" refers to ACIN And VBUS Inputs.
9.1 Power On / Off & Reset
Button(PEK)
AXP209 PWRON Pin can be connected to GND through a button, as a Power Enable Key (PEK) o
r
hibernation/wake button. The AXP209 can automatically identify long and short button presses and
react accordingly.
Power on Sources:
1. ACIN, VBUS, and battery
2. N_OE transition from high to low.
3. PEK press
Power On
System power-on is initiated whenever the following conditions occur:
1. When N_OE is low, and upon connection of a power supply that meets the requirements
(ACIN Or VBUS > 3.8V, and the battery voltage is higher than the shutdown voltage), AXP209
will automatically boot (Automatic booting on power supply connection can be configured by
the developer).
2. N_OE is low and the system is powered off, press PEK can power on AXP209. If required the
Host
3. When there is a valid external power source or battery present and N_OE changes from high to
low, AXP209 will be turned on.
After power on, DC-DC and LDO will be soft booted in a preset timing sequence, and then either the
Host or PWREN the pin can enable/disable power.
Shutdown (Power off)
When you push-and-hold PEK longer than IRQLEVEL, HOST can write “1” into“REG32H [7]” to inform
AXP202 to shutdown, which can disable all power output except LDO1.
System power-off is initiated whenever the following conditions occur:
1. Input voltage is too low( Low-Power Protection)
2. Power output voltage is too low due to overload( Overload Protection)
Confidential
Page 15/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com