Electronic Components Datasheet Search
  English  ▼

X  

AXP209 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
10.4 REG 04-0FH: Data Cache
Note: As long as the external power supply, battery or backup battery power exists, this data will not be
lost.
10.5 REG 12H:Power Output Control
The default value: XXH
Bit
Description
R / W
Default
value
7
Reserved, can not be changed
RW
X
6
LDO3 Switch Control
0:Shut down; 1:Turn on
RW
X
5
Reserved, can not be changed
RW
X
4
DC-DC2 Switch Control
0:Shut down; 1:Turn on
RW
X
3
LDO4 Switch Control
RW
X
2
LDO2 Switch Control
RW
X
1
DC-DC3 Switch Control
RW
X
0
EXTEN Switch Control
RW
X
10.6 REG 23H: DC-DC2 output voltage setting
The default value: XXH
Bit
Description
R / W
Default
value
7-6
Reserved, can not be changed
5-0
DC-DC2 The output voltage is set
0.7-2.275V,25mV / step
RW
X
Vout = [0.7+ (Bit5-0) * 0.025] V
10.7 REG 25H: DC-DC2 / LDO3 Dynamic voltage scaling parameter settings
The default value: 00H
Bit
Description
R /
W
Default
value
7-4
Reserved, can not be changed
3
LDO3 VRC Enable Control
RW
0
0:Turn on; 1:Shut down
2
DC-DC2 VRC Enable Control
RW
0
0:Turn on; 1:Shut down
1
LDO3 VRC soft start control
0: 25mV / 15.625us = 1.6mV / us
RW
0
1: 25mV / 31.250us = 0.8mV / us
0
DC-DC2 VRC soft start control
0: 25mV / 15.625us = 1.6mV / us
RW
0
1: 25mV / 31.250us = 0.8mV / us
Confidential
Page 32/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com