Electronic Components Datasheet Search
  English  ▼

X  

AXP209 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
issuing a timer interrupt. Write 1 in register REG8AH [7] to clear the flag and re-start timing. Clearing
interrupt flag will not re-start counting. The minimum step size for the timer is 1 minute, and the timing
range 1 ~ 127 Minutes.
9.10 Decryption
AXP209 Contains a decryption module. The Host writes data to REG300-REG30F to be decrypted,
and then writes 1 to the register REGB8H [1] to start decryption. After the decryption is complete,
status bit REGB8 [0] is set to 1. Then the Host can read back the decrypted data from REG31x. Starts
again automatically when the decryption AXP209 status bits are clared.
9.11 HOST Interface timing and interrupt (TWSI and IRQ)
...
...
...
..
.
...
...
...
..
.
...
...
...
...
..
.
..
.
Figure 1: Single Read and Write
Confidential
Page 26/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com