Electronic Components Datasheet Search
  English  ▼

X  

AXP221 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 11Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
AXP221
PAGE 15
PMIC Optimized For Multi-Core High-Performance System
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
参数
描述
控制条件
最小值
典型值 最大值 单位
Off Mode Current
IBATOFF
OFF Mode Current
BAT=3.8V
35
μA
Logic
VIL
Logic Low Input Voltage
0.3
V
VIH
Logic High Input Voltage
1.5
V
P2WI
VCC
Input Supply Voltage
LDO1
V
fSCK
Clock Operating Frequency
2000
kHZ
tf
Clock Data Fall Time
60
ns
tr
Clock Data Rise Time
100
ns
DCDC
fOSC
Oscillator Frequency
Default
3
MHz
DCDC1
IVIN1
Input Current
PFM Mode
IDC1OUT =0
50
μA
ILIM1
PMOS Switch Current Limit
PWM Mode
2000
mA
IDC1OUT
Available Output Current
PWM Mode
1400
mA
VDC1OUT
Output Voltage
Default
1.6
3.0
3.4
V
DCDC2
IVIN2
Input Current
PFM Mode
IDC2OUT =0
50
μA
ILIM2
PMOS Switch Current Limit
PWM Mode
2800
mA
IDC2OUT
Available Output Current
PWM Mode
2500
mA
VDC2OUT
Output Voltage Range
0.6
1.1
1.54
V
DCDC3
IVIN3
Input Current
PFM Mode
IDC3OUT =0
50
uA
ILIM3
PMOS Switch Current Limit
PWM Mode
2800
mA
IDC3OUT
Available Output Current
PWM Mode
2500
mA
VDC3OUT
Output Voltage Range
0.6
1.1
1.86
V
DCDC4
IVIN4
Input Current
PFM Mode
IDC4OUT =0
45
uA
ILIM4
PMOS Switch Current Limit
PWM Mode
1200
mA
IDC4OUT
Available Output Current
PWM Mode
600
mA
VDC4OUT
Output Voltage Range
0.6
1.1
1.54
V
DCDC5
IVIN5
Input Current
PFM Mode
IDC5OUT =0
45
uA
ILIM5
PMOS Switch Current Limit
PWM Mode
2500
mA
IDC5OUT
Available Output Current
PWM Mode
2000
mA
VDC5OUT
Output Voltage Range
1.0
1.5
2.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com