Electronic Components Datasheet Search
  English  ▼

X  

AXP221 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 44Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 45Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 46Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 47Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 48Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 49Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 50Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 51Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 50
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
10.2.59.REG4CH:IRQ 状态 5
Bit
描述
R/W 默认值
7
计时器超时
IRQ 状态
RW
0
6
PEK 上升沿触发 IRQ 状态
RW
0
5
PEK 下降沿触发 IRQ 状态
RW
0
4-2
保留,不可更改
1
GPIO1 输入边沿触发 IRQ 状态
RW
0
0
GPIO0 输入边沿触发 IRQ 状态
RW
0
注
: 所有 IRQ 状态寄存器对应位写 1 将清除相应状态。
10.2.60.REGB8H: 电量计控制
默认值
C0H
Bit
描述
R/W
默认值
7
电量计使能控制
0:关闭 1:打开
RW
1
6
库仑计使能控制
0:关闭 1:打开
RW
1
5
电池总容量校正功能使能
0:关闭 1:打开
RW
0
4
电池总容量校正状态
0:没有校正 1:正在校正
RW
0
3-0
保留,不可更改
RW
0
10.2.61.REGB9H: 电池电量指示
默认值
64H
Bit
描述
R/W
默认值
7
电池电量是否正确计算
0:没正确计算 1:正确计算
R
0
6-0
电池电量指示
0%~100%
R
64
10.2.62.REGE0H: 电池总容量设置 1
默认值
00H
Bit
描述
R/W
默认值
7
电池总容量是否配置
0:未配置 1:已配置
RW
0
6-0
电池总容量配置
bit[14:8]
RW
64
电池总容量
= Value * 1.456mAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com