Electronic Components Datasheet Search
  English  ▼

X  

AXP221 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 25Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 26Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 27Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 26
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
RTC-LDO
LDO
3.0V
1
RTC
30mA
ALDO1
LDO
OFF
OFF
N/A
300mA
ALDO2
LDO
1.8V
1
N/A
300mA
ALDO3
LDO
3.0V
1
N/A
200mA
LDOIO0
LDO
OFF
OFF
N/A
100mA
LDOIO1
LDO
OFF
OFF
N/A
100mA
DLDO1
LDO
OFF
OFF
N/A
400mA
DLDO2
LDO
OFF
OFF
N/A
200mA
DLDO3
LDO
OFF
OFF
N/A
200mA
DLDO4
LDO
OFF
OFF
N/A
200mA
ELDO1
LDO
OFF
OFF
N/A
400mA
ELDO2
LDO
OFF
OFF
N/A
200mA
ELDO3
LDO
OFF
OFF
N/A
200mA
DC5LDO
LDO
1.1V
1
N/A
200mA
DC1SW
Switch
OFF
OFF
N/A
400mA
AXP221 包含 5 路同步降压型 DC-DC、14 路 LDO、2 路 Switch,多种启动时序及控制方式。
DC-DC 的工作频率默认为 3MHz,可以通过设置寄存器来调整,外围可使用小型电感和电容元件。
5 个 DC-DC 都可以设置成 PWM 模式或自动模式 ( 由 AXP221 根据负载的大小自动切换 ),参见 “ 寄
存器
REG80H”。
9.4.1.
DC-DC1/2/3/4/5
DCDC1 输出电压范围为 1.6V-3.4V,DCDC2/4 输出电压为 0.6V-1.54V,DCDC3 输出电压为
0.6V-1.86V,DCDC5 输出电压为 1.0V-2.55V, 可由寄存器设置 .
DCDC 输出电容推荐使用 10uF X7R 以上小 ESR 陶瓷电容;推荐使用 1.5uH 电感,其中电感饱和
电流需大于此电源通路最大需求电流的
50% 以上。
9.4.2.
RTC-LDO
LDO1 永远开启,可以为应用系统的实时时钟电路 (RTC) 提供不间断的电源,其驱动能力为 30mA。
9.4.3.
ALDO1/2/3
ALDO1/2/3 采用了低噪声设计,可以为应用系统的模拟电路提供电源,其驱动能力分别为 300mA
/300mA /200mA。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com