Electronic Components Datasheet Search
  English  ▼

X  

AXP221 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AXP221
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 28Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 29Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 30Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 31Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 32Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 33Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 34Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 32
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
地址
寄存器描述
R/W
59
TS 输入 ADC 数据低 4 位,默认监测电池温度
R
78
电池电压高
8 位
R
79
电池电压低
4 位
R
7A
电池充电电流高
8 位
R
7B
电池充电电流低
5 位
R
7C
电池放电电流高
8 位
R
7D
电池放电电流低
5 位
R
地址
寄存器描述
R/W
默认值
B8
电量计控制寄存器
R/W
C0H
B9
电量计量结果
R
64H
E0
电池总容量比
bit[14:8]
R/W
00H
E1
电池总容量比
bit[7:0]
R/W
00H
E6
电池低电报警门限设置寄存器
R/W
A0H
注:电池总容量单位为
1.456mAH
10.2. 寄存器描述
10.2.1. REG00H: 输入电源状态
Bit
描述
R/W
7
ACIN 存在指示
0:ACIN 不存在;1:ACIN 存在
R
6
指示
ACIN 是否可用
R
5
VBUS 存在指示
0:VBUS 不存在;1:VBUS 存在
R
4
指示
VBUS 是否可用
R
3
指示
VBUS 接入在使用之前是否大于 VHOLD
R
2
指示电池电流方向
0: 电池在放电;1: 电池被充电
R
1
指示
ACIN 和 VBUS 输入是否在 PCB 被短接
R
0
指示启动源是否为
ACIN 或 VBUS
0: 启动源非 ACIN/VBUS; 1: 启动源为 ACIN/VBUS
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com