Electronic Components Datasheet Search
  English  ▼

X  

ML6674 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6674
Description  ATM 155Mbps UTP Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6674 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6674 Datasheet HTML 1Page - Micro Linear Corporation ML6674 Datasheet HTML 2Page - Micro Linear Corporation ML6674 Datasheet HTML 3Page - Micro Linear Corporation ML6674 Datasheet HTML 4Page - Micro Linear Corporation ML6674 Datasheet HTML 5Page - Micro Linear Corporation ML6674 Datasheet HTML 6Page - Micro Linear Corporation ML6674 Datasheet HTML 7Page - Micro Linear Corporation ML6674 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ML6674
2
PIN CONFIGURATION
NAME
FUNCTION
TXIN+, TXIN–
These differential ECL100K compatible
inputs receive NRZ data from the PHY
for transmission.
TPOUT+,
Outputs from the NRZ buffer drive
TPOUT–
these differential current outputs. The
transmitter filter/transformer module
connects the media to these pins.
LPBK
This TTL input enables transmitter-
Receiver loopback internally when
asserted low.
TXOFF
This TTL input forces the NRZ driver to
a high impedence state when asserted
low and shuts off transmit bias currrent.
RTSET1,
An external 1% resistor connected
RTSET2
between these pins controls the
transmitter output current amplitude.
IOUT = 32 x 1.25V/RTSET
TVCCA,
Separate analog and digital
TVCCD
transmitter power supply pins help to
isolate sensitive circuitry from noise
generating digital functions. Both
supplies are nominally +5 volts.
TGNDA,
Analog and digital transmitter grounds
TGNDD
provide separate return paths for clean
and noisy signals.
PIN DESCRIPTION
NAME
FUNCTION
SD+, SD–
These differential ECL100K
compatible outputs indicate the
presence of a data signal with an
amplitude exceeding a preset
threshold.
TPIN+, TPIN–
NRZ encoded data from the
receiver filter/transformer module
enters the Receiver through these
pins.
RXOUT+,
Differential ECL100K compatible
RXOUT–
outputs provide NRZ encoded data
to the PHY.
RRSET1,
Internal time constants controlling
RRSET2
the equalizer’s transfer function
are set by an external resistor
connected across these pins.
CMREF
This pin provides a DC common
mode reference point for the
receiver inputs.
RVCCA,
Analog and digital supply pins are
RVCCD
separated to isolate clean and
noisy circuit functions. Both
supplies are nominally +5 volts.
RGND
Receiver ground.
ML6674
32-Pin PCC (Q32)
ML6674
32-Pin TQFP (H32-7)
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
14 15 16 17 18 19 20
4
3
2
1
32 31 30
RXOUT+
RVCCD
SD–
SD+
N/C
TGNDD
LPBK
TXOFF
N/C
RRSET1
RRSET2
N/C
N/C
RGND
N/C
N/C
TVCCA
TGNDA
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
11
121314
15
16
32
31
30
29
28
27
26
25
TPOUT–
TPOUT+
RTSET2
RTSET1
TVCCD
TXIN–
TXIN+
N/C
RRSET1
TPIN–
TPIN+
CMREF
N/C
N/C
RVCCA
RXOUT–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com