Electronic Components Datasheet Search
  English  ▼

X  

ML6674 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6674
Description  ATM 155Mbps UTP Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6674 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6674 Datasheet HTML 1Page - Micro Linear Corporation ML6674 Datasheet HTML 2Page - Micro Linear Corporation ML6674 Datasheet HTML 3Page - Micro Linear Corporation ML6674 Datasheet HTML 4Page - Micro Linear Corporation ML6674 Datasheet HTML 5Page - Micro Linear Corporation ML6674 Datasheet HTML 6Page - Micro Linear Corporation ML6674 Datasheet HTML 7Page - Micro Linear Corporation ML6674 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ML6674
5
FUNCTIONAL DESCRIPTION
The ML6674 transceiver is a physical media dependent
transceiver that allows the transmission and reception of
155 Mbps data over 100 meters over shielded twisted pair
cable or category 5 unshielded twisted pair cable.
The transmit section accepts NRZ data, sending the
information on a two pin current driven transmitter. The
transmitted output passes through an external low pass
filter and transformer before entering the connectors to the
STP or UTP cable. The output amplitude of the transmitted
signal is programmable through the external RTSET
resistor.
The receive section accepts NRZ coded data after it
passes through an isolation transformer and band limiting
filter. The adaptive equalizer is used to compensate for
the amplitude and phase distortion incurred from the
cable. The adaptive control section determines the signal
amplitude (and therefore the cable length) and adjusts the
equalizer accordingly. As the input signal amplitude
diminishes, the amount of equalization increases until it
reaches its maximum (Figure 1).
The receiver also includes the Baseline Wander correction
circuitry. The circuit will compensate and track the DC
baseline wander caused by DC imbalance of the received
data. A 10pF capacitor can be connected between TPIN+
and TPIN– to improve Bit Error Rate.
The adaptive control block governs both the equalization
level as well as the signal detection status. Signal detect
is asserted when the equalizer control loop settles, or
when loop back is asserted. When the input signal is
small, the equalization will be at its maximum.
After the signal has been equalized, it is fed through the
loopback multiplexer onto the RXOUT± pins.
Figure 1 shows a typical gain vs frequency plot of the
adaptive equalizer for 0, 25, 50, 75 and 100 meter
category 5 cable lengths.
TRANSMISSION
PECL level scrambled NRZ data is received by the
ML6674 and the current driven transmitter then sent the
data to the filter/transformer module. The transmit
amplitude is controlled by one external resistor, RTSET.
I
V
RTSET
OUT =
×
32 125
.
For ATM UTP applications the transmit amplitude is 1V
peak to peak. The termination at the transmitter output is
50ý. Therefore the transmit current IOUT = 1/50 = 20 mA.
Thus,
RTSET
V
mA
k
=
×
=Ω
32 125
20
2
.
The transmitter may be disabled via the TXOFF pin. When
this pin is pulled low, the transmitter’s output goes to a
high impedance state and no current flows through the
transformer.
ADAPTIVE EQUALIZATION
During transmission of data over UTP (unshielded twisted
pair), distortion and ISI are caused by dispersion in the
cable. Equalization is used to overcome this signal
corruption. However, the distortion is frequency
dependent and cable length dependent. Therefore, in most
practical cases, the TP port characteristic is unknown and
it is impractical to tune the equalizer specifically to each
individual port. Hence, adaptive equalizer is used in the
TP-PMD to ensue proper compensation of the received
signal.
By using adaptive equalizer, the receiver automatically
compensates different length of cable without over
equalizing or under equalizing the line. The ML6674
monitors the amplitude of the received signal to
determine the cable length and adjust the equalizer
accordingly. The input signal level is inversely
proportional to the cable length. Therefore, as the signal
level decreases, the amount of equalization is increased
to compensate for the line loss.
ML6672 COMPATIBILITY
The ML6674 implements the Baseline Wander correction
circuit, in addition to providing the functionality of the
existing ML6672 device. The ML6674 is plug-compatible
with the ML6672 with the following notes:
•
In the ML6674 design, the RTSET resistor must be
2.0k
W
•
In the ML6674 design, the following passive
components used in the ML6672 design may be
eliminated from the ML6674 design
— RSET resistor
— RTH resistor
— CAP1 capacitor
— CAP2 capacitor
Figure 1. Equalization Range
20
15
10
5
0
1 x 106
1 x 107
1 x 108
1 x 109



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com