Electronic Components Datasheet Search
  English  ▼

X  

ML6674 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6674
Description  ATM 155Mbps UTP Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6674 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6674 Datasheet HTML 1Page - Micro Linear Corporation ML6674 Datasheet HTML 2Page - Micro Linear Corporation ML6674 Datasheet HTML 3Page - Micro Linear Corporation ML6674 Datasheet HTML 4Page - Micro Linear Corporation ML6674 Datasheet HTML 5Page - Micro Linear Corporation ML6674 Datasheet HTML 6Page - Micro Linear Corporation ML6674 Datasheet HTML 7Page - Micro Linear Corporation ML6674 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ML6674
4
ELECTRICAL CHARACTERISTICS (CONTINUED)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Outputs (SD±, RXOUT±, TPOUT±) (Continued)
TPOUT+, TPOUT–
DifferentialOutput Current LOW
VOUT = VCC ± 0.5, Note 2
0
0.1
mA
TPOUT+, TPOUT–
Output Current Offset
0.5
mA
TPOUT+, TPOUT–VOUT = VCC
Output Amplitude Error
Note 2
–5.0
5.0
%
TPOUT+, TPOUT–VOUT = VCC ±1.1V
Output Voltage Compliance
–2.0
+2.0
%
AC Characteristics
TPOUT+, TPOUT–
Rise/Fall Time
1.5
2.0
2.5
ns
TPOUT+, TPOUT–
Output Jitter
0.5
ns
RXOUT+, RXOUT–
Rise/Fall Time
5ns
RXOUT+, RXOUT–
Output Jitter
2.0
ns
Note 1. Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2. Output current amplitude is determined by IOUT = 32 x 1.25V/RTSET.
Note 3. Output voltage levels are specified when terminated by 50
W to VCC-2V or equivalent load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com