Electronic Components Datasheet Search
  English  ▼

X  

ML6674 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6674
Description  ATM 155Mbps UTP Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6674 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6674 Datasheet HTML 1Page - Micro Linear Corporation ML6674 Datasheet HTML 2Page - Micro Linear Corporation ML6674 Datasheet HTML 3Page - Micro Linear Corporation ML6674 Datasheet HTML 4Page - Micro Linear Corporation ML6674 Datasheet HTML 5Page - Micro Linear Corporation ML6674 Datasheet HTML 6Page - Micro Linear Corporation ML6674 Datasheet HTML 7Page - Micro Linear Corporation ML6674 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 1999
ML6674
ATM 155Mbps UTP Transceiver
1
GENERAL DESCRIPTION
The ML6674 is a complete monolithic transceiver for
155Mbps NRZ encoded data transmission over category
5 unshielded twisted pair (UTP) and shielded twisted pair
(STP) cables. The ML6674 is compliant with the ATM
155Mbps Twisted Pair Specification. The ML6674 includes
the baseline restoration function and adaptive
equalization which will accurately compensate for line
losses exceeding 100m of UTP.
The ML6674 receive section consists of an equalizing
filter with a feedback loop for controlling effective line
compensation. The feedback loop contains a filter and
detection block for determining the proper control signal.
An ECL 100K compatible buffer at the output interfaces
directly with ATM physical interface chips.
The ML6674 transmit section accepts ECL 100K
compatible NRZ inputs.
FEATURES
s
Complies with ATM Forum 155Mbps twisted pair
specification
s
Integrated baseline wander correction circuit
s
Integrated adaptive equalization
s
Transmitter can be externally turned off
(high impedence) for true quiet line
s
Operates over 100 meters of STP or category 5 UTP
Twisted Pair Cable
s
32-pin PLCC and TQFP
BLOCK DIAGRAM
LINK
STATUS
ADAPTIVE
CONTROL
ADAPTIVE
EQUALIZER
ADAPTIVE
CONTROL REFERENCE
CMREF
RVCCD
RVCCA
RRSET
RRSET2
RRSET1
RGND
TGNDD
TGNDA
RXOUT–
RXOUT+
SD–
SD+
TXIN–
TXIN+
TPOUT–
TPOUT+
TPIN+
TPIN–
LPBK
TXOFF
TVCCA
TVCCD
RTSET
RTSET1
RTSET2
MUX


Similar Part No. - ML6674

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6672 MICRO-LINEAR-ML6672 Datasheet
248Kb / 8P
ATM UTP Transceiver
ML6672CH MICRO-LINEAR-ML6672CH Datasheet
248Kb / 8P
ATM UTP Transceiver
ML6672CQ MICRO-LINEAR-ML6672CQ Datasheet
248Kb / 8P
ATM UTP Transceiver
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
ML6673CH MICRO-LINEAR-ML6673CH Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
More results

Similar Description - ML6674

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6672 MICRO-LINEAR-ML6672 Datasheet
248Kb / 8P
ATM UTP Transceiver
logo
List of Unclassifed Man...
ATR-S0105 ETC1-ATR-S0105 Datasheet
185Kb / 5P
155Mbps Single Mode SFP Transceiver (80km)
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B2J1RA DELTA-LC-155B2J1RA Datasheet
169Kb / 8P
155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
Maxim Integrated Produc...
MAX3963 MAXIM-MAX3963 Datasheet
650Kb / 6P
155Mbps Preamplifier for FDDI and ATM LAN Fiber Optic Receivers
Rev 1; 4/98
logo
Source Photonics, Inc.
FTM-6101C-SL13051G SOURCE-FTM-6101C-SL13051G Datasheet
329Kb / 11P
155Mbps Spring-latch SFP Transceiver
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
155Mbps 850nm Spring-Latch SFP Transceiver
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
logo
Teridian Semiconductor ...
STM1E-SFPXX TERIDIAN-STM1E-SFPXX Datasheet
430Kb / 16P
155Mbps Copper Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com