Electronic Components Datasheet Search
  English  ▼

X  

AR0330 Datasheet(PDF) 6 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 2Page - ON Semiconductor AR0330 Datasheet HTML 3Page - ON Semiconductor AR0330 Datasheet HTML 4Page - ON Semiconductor AR0330 Datasheet HTML 5Page - ON Semiconductor AR0330 Datasheet HTML 6Page - ON Semiconductor AR0330 Datasheet HTML 7Page - ON Semiconductor AR0330 Datasheet HTML 8Page - ON Semiconductor AR0330 Datasheet HTML 9Page - ON Semiconductor AR0330 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
6
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
General Description
General Description
The AR0330 can be operated in its default mode or programmed for frame size, expo-
sure, gain, and other parameters. The default mode output is a 2304 x 1296 image at 60
frames per second (fps). The sensor outputs 10- or 12-bit raw data, using either the
parallel or serial (HiSPi, MIPI) output ports.
Functional Overview
The AR0330 is a progressive-scan sensor that generates a stream of pixel data at a
constant frame rate. It uses an on-chip, phase-locked loop (PLL) that can generate all
internal clocks from a single master input clock running between 6 and 27 MHz. The
maximum output pixel rate is 196 Mp/s using a 4-lane HiSPi or MIPI serial interface and
98 Mp/s using the parallel interface. Figure 1 shows a block diagram of the sensor.
Figure 1:
Block Diagram
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 3.4Mp active- pixel sensor array. The timing and control circuitry sequences
through the rows of the array, resetting and then reading each row in turn. In the time
interval between resetting a row and reading that row, the pixels in the row integrate
incident light. The exposure is controlled by varying the time interval between reset and
readout. Once a row has been read, the signal from the column is amplified in a column
amplifier and then digitized in an analog-to-digital converter (ADC). The output from
the ADC is a 12-bit value for each pixel in the array. The ADC output passes through a
digital processing signal chain (which provides further data path corrections and applies
digital gain).
Compression (optional)
12-bit
12-bit
12-bit
12-bit
10 or 12-bit
8, 10, or
12-bit
Max 98 Mp/s
Max 196 Mp/s
over 4 lanes
Max 196 Mp/s
over 4 lanes
(588 Mbps/lane)
(588 Mbps/lane)
Parallel I/O:
PIXCLK, FV,
LV, DOUT [11:0]
MIPI I/O:
CLK P/N,
DATA [1:4] P/N
HiSPi I/O:
SLVS C P/N,
SLVS [3:0] P/N
Digital Core
Row Noise Correction
Black Level Correction
Digital Gain
Data Pedestal
Test Pattern
Generator
Output Data-Path
Analog Core
Ext
Clock
Column
Amplifiers
Pixel Array
PLL
Timing
and
Control
Registers
Two-wire serial I/F
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com