Electronic Components Datasheet Search
  English  ▼

X  

AR0330 Datasheet(PDF) 10 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 6Page - ON Semiconductor AR0330 Datasheet HTML 7Page - ON Semiconductor AR0330 Datasheet HTML 8Page - ON Semiconductor AR0330 Datasheet HTML 9Page - ON Semiconductor AR0330 Datasheet HTML 10Page - ON Semiconductor AR0330 Datasheet HTML 11Page - ON Semiconductor AR0330 Datasheet HTML 12Page - ON Semiconductor AR0330 Datasheet HTML 13Page - ON Semiconductor AR0330 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
10
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Working Modes
Figure 4:
Typical Configuration: Parallel Pixel Data Interface
Notes:
1. All power supplies must be adequately decoupled. ON Semiconductor recommends having 1.0F
and 0.1F decoupling capacitors for every power supply. If space is a concern, then priority must be
given in the following order: VAA, VAA_PIX, VDD_PLL, VDD_IO, and VDD. Actual values and results may
vary depending on layout and design considerations.
2. To allow for space constraints, ON Semiconductor recommends having 0.1F decoupling capacitor
inside the module as close to the pads as possible. In addition, place a 10F capacitor for each sup-
ply off-module but close to each supply.
3. ON Semiconductor recommends a resistor value of 1.5k, but a greater value may be used for
slower two-wire speed.
4. The pull-up resistor is not required if the controller drives a valid logic level on SCLK at all times.
5. ON Semiconductor recommends that analog power planes are placed in a manner such that cou-
pling with the digital power planes is minimized.
6. TEST pin should be tied to the ground.
7. The data and clock package pins or die pads used for the HiSPi and MIPI interface must be left float-
ing.
8. The VDD_MIPI package pin and sensor die pad should be connected to a 2.8V supply as it is tied to
the VDD_PLL supply both in the package routing and also within the sensor die itself. HiSPi Power
Supplies (VDD_HiSPi and VDD_HiSPi_TX) can be tied to ground.
9. If the SHUTTER or FLASH pins or pads are not used, then they must be left floating.
10. If the TRIGGER or OE_BAR pins or pads are not used, then they should be tied to DGND.
VDD
Master clock
(6–27 MHz)
SADDR
SCLK
TEST
FRAME_VALID
DOUT [11:0]
EXTCLK
DGND
Digital
ground
Analog
ground
Digital
core
power1
To
controller
From
Controller
LINE_VALID
PIXCLK
RESET_BAR
VDD_IO
Digital
I/O
power1
VAA VAA_PIX
Analog
power1
PLL
power1
Analog
power1
VAA_PIX
VDD_IO
VDD_PLL
VDD
VAA
AGND
TRIGGER
SHUTTER
FLASH
1.0
μF
1.0
μF
1.0
μF
1.0
μF1.0μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
SDATA
OE_BAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com