Electronic Components Datasheet Search
  English  ▼

X  

AR0330 Datasheet(PDF) 7 Page - ON Semiconductor

Part # AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 3Page - ON Semiconductor AR0330 Datasheet HTML 4Page - ON Semiconductor AR0330 Datasheet HTML 5Page - ON Semiconductor AR0330 Datasheet HTML 6Page - ON Semiconductor AR0330 Datasheet HTML 7Page - ON Semiconductor AR0330 Datasheet HTML 8Page - ON Semiconductor AR0330 Datasheet HTML 9Page - ON Semiconductor AR0330 Datasheet HTML 10Page - ON Semiconductor AR0330 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
7
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Working Modes
Working Modes
The AR0330 sensor working modes are specified from the following aspect ratios:
The AR0330 supports the following working modes. To operate the sensor at full speed
(196 Mp/s) the sensor must use the 4-lane HiSPi or MIPI interface. The sensor will
operate at half-speed (98 Mp/s) when using the parallel interface.
Table 3:
Available Aspect Ratios in the AR0330 Sensor
Aspect Ratio
Sensor Array Usage
3:2
Still Format #1
2256 (H) x 1504 (V)
4:3
Still Format #2
2048(H) x 1536 (V)
16:10
Still Format #3
2256 (H) x 1440(V)
16:9
HD Format
2304 (H) x 1296 (V)
Table 4:
Available Working Modes in the AR0330 Sensor
Mode
Aspect
Ratio
Active Readout
Window
Sensor Output
Resolution
FPS
(4-Lane MIPI/
HiSPi Interface)
FPS
(Parallel
Interface)
Sub-
sampling
FOV
1080p + EIS
16:9
2304 x 1296
2304 x 1296
60
n/a
-
100%
30
30
-
100%
3M Still
4:3
2048 x 1536
2048 x 1536
30
25
-
100%
3:2
2256 x 1504
2256 x 1504
30
25
-
100%
WVGA + EIS
16:9
2304 x 1296
1152 x 648
60
60
2x2
100%
WVGA + EIS
16:9
2304 x 1296
1152 x 648
120
N/A
2x2
100%
Slow-motion
VGA Video
16:10
2256 x 1440
752 x 480
60
60
3x3
96%
VGA Video
16:10
2256 x 1440
752 x 480
215
107
3x3
96%
Slow-motion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com