Electronic Components Datasheet Search
  English  ▼

X  

KAI-1010 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-1010
Description  Interline CCD Image Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-1010 Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-1010 Datasheet HTML 1Page - ON Semiconductor KAI-1010 Datasheet HTML 2Page - ON Semiconductor KAI-1010 Datasheet HTML 3Page - ON Semiconductor KAI-1010 Datasheet HTML 4Page - ON Semiconductor KAI-1010 Datasheet HTML 5Page - ON Semiconductor KAI-1010 Datasheet HTML 6Page - ON Semiconductor KAI-1010 Datasheet HTML 7Page - ON Semiconductor KAI-1010 Datasheet HTML 8Page - ON Semiconductor KAI-1010 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 2
1
Publication Order Number:
KAI−1010/D
KAI-1010
1008 (H) x 1018 (V) Interline
CCD Image Sensor
Description
The KAI−1010 Image Sensor is a high-resolution monochrome
charge coupled device (CCD) device whose non-interlaced
architecture makes it ideally suited for video, electronic still and
motion/still camera applications. The device is built using an
advanced true two-phase, double-polysilicon, NMOS CCD
technology. The p+npn− photodetector elements eliminate image lag
and reduce image smear while providing antiblooming protection and
electronic-exposure control. The total chip size is 10.15 (H) mm
×
10.00 (V) mm
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD, Non-Interlaced
Total Number of Pixels
1024 (H)
× 1024 (V)
Number of Effective Pixels
1008 (H)
× 1018 (V)
Number of Active Pixels
1008 (H)
× 1018 (V)
Number of Outputs
1 or 2
Pixel Size
9
mm (H) × 9 mm (V)
Active Image Size
9.1 mm (H)
× 9.2 mm (V)
12.9 mm (Diagonal)
1
″ Optical Format
Optical Fill-Factor
60%
Saturation Signal
> 50,000 e−
Output Sensitivity
12
mV/e−
Dark Noise
50 e− rms
Dark Current
< 0.5 nA/cm2
Quantum Efficiency
(Wavelength = 500 nm)
37%
Blooming Suppression
> 100 X
Maximum Data Rate
20 MHz/Channel (2 Channels)
Image Lag
Negligible
Package
CERDIP
Cover Glass
AR Coated (Both Sides)
NOTE: All Parameters are specified at T = 40
°C unless otherwise noted.
Features
• Front Illuminated Interline Architecture
• Progressive Scan (Non-Interlaced)
• Electronic Shutter
• On-Chip Dark Reference
• Low Dark Current
• High Sensitivity Output Structure
• Anti-Blooming Protection
• Negligible Lag
• Low Smear (0.1% with Microlens)
Application
• Machine Vision
www.onsemi.com
Figure 1. KAI−1010 Interline
CCD Image Sensor
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-1010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAI-1010 ETC2-KAI-1010 Datasheet
1,018Kb / 37P
Image Sensor
logo
ON Semiconductor
KAI-10100 ONSEMI-KAI-10100 Datasheet
2Mb / 51P
INTERLINE CCD IMAGE SENSOR
REVISION 1.1
KAI-10100-CXC-CB-XA ONSEMI-KAI-10100-CXC-CB-XA Datasheet
2Mb / 51P
INTERLINE CCD IMAGE SENSOR
REVISION 1.1
KAI-10100-CXC-CB-XE ONSEMI-KAI-10100-CXC-CB-XE Datasheet
2Mb / 51P
INTERLINE CCD IMAGE SENSOR
REVISION 1.1
logo
List of Unclassifed Man...
KAI-1010M ETC2-KAI-1010M Datasheet
1,018Kb / 37P
Image Sensor
More results

Similar Description - KAI-1010

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-04070 ONSEMI-KAI-04070 Datasheet
1Mb / 50P
INTERLINE CCD IMAGE SENSOR
July, 2015 ??Rev. 3
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE02150 ONSEMI-KAE02150_16 Datasheet
817Kb / 40P
Interline CCD Image Sensor
February, 2016 ??Rev. 2
KAI-16000 ONSEMI-KAI-16000_16 Datasheet
644Kb / 28P
Interline CCD Image Sensor
February, 2016 ??Rev. 6
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
Interline CCD Image Sensor
February, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com