Electronic Components Datasheet Search
  English  ▼

X  

KAI-1010 Datasheet(PDF) 3 Page - ON Semiconductor

Part # KAI-1010
Description  Interline CCD Image Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-1010 Datasheet(HTML) 3 Page - ON Semiconductor

  KAI-1010 Datasheet HTML 1Page - ON Semiconductor KAI-1010 Datasheet HTML 2Page - ON Semiconductor KAI-1010 Datasheet HTML 3Page - ON Semiconductor KAI-1010 Datasheet HTML 4Page - ON Semiconductor KAI-1010 Datasheet HTML 5Page - ON Semiconductor KAI-1010 Datasheet HTML 6Page - ON Semiconductor KAI-1010 Datasheet HTML 7Page - ON Semiconductor KAI-1010 Datasheet HTML 8Page - ON Semiconductor KAI-1010 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
KAI−1010
www.onsemi.com
3
DEVICE DESCRIPTION
Architecture
Figure 2. Functional Block Diagram
fV2
fV1
fR
4 Dark Lines at Bottom of Image
2 Dark Lines at Top of Imate
Horizontal Register A
6 Dummies
2 Dummies
Horizontal Register B
VOUTA
VOUTB
H1A
H2
H1B
VDD
VDD
VSS/OG
VSS/OG
VRD
WELL
VSUB
fV2
fV1
KAI−1010
Active Image Area
1008 (H)
× 1018 (V)
9.0
mm × 9.0 mm Pixels
The KAI−1010 consists of 1024
× 1024 photodiodes,
1024 vertical (parallel) CCD shift registers (VCCDs), and
dual 1032 pixel horizontal (serial) CCD shift registers
(HCCDs) with independent output structures. The device
can be operated in either single or dual line mode. The
advanced, progressive-scan architecture of the device
allows the entire image area to be read out in a single scan.
The active pixels are arranged in a 1008 (H)
× 1018 (V) array
with an additional 16 columns and 6 rows of light-shielded
dark reference pixels.
Image Acquisition
An electronic representation of an image is formed when
incident photons falling on the sensor plane create
electron-hole
pairs
within
the
individual
silicon
photodiodes. These photoelectrons are collected locally by
the formation of potential wells at each photosite. Below
photodiode saturation, the number of photoelectrons
collected at each pixel is linearly dependent on light level
and exposure time and non-linearly dependent on
wavelength. When the photodiode’s charge capacity is
reached, excess electrons are discharged into the substrate to
prevent blooming.
Charge Transport
The accumulated or integrated charge from each
photodiode is transported to the output by a three step
process. The charge is first transported from the photodiodes
to the VCCDs by applying a large positive voltage to the
phase-one vertical clock (
fV1). This reads out every row, or
line, of photodiodes into the VCCDs.
The charge is then transported from the VCCDs to the
HCCDs line by line. Finally, the HCCDs transport these
rows of charge packets to the output structures pixel by
pixel. On each falling edge of the horizontal clock,
fH2,
these charge packets are dumped over the output gate (OG,
Figure 4) onto the floating diffusion (FDA and FDB,
Figure 4).
Both the horizontal and vertical shift registers use
traditional two-phase complementary clocking for charge
transport. Transfer to the HCCDs begins when
fV2 is
clocked high and then low (while holding
fH1A high)
causing charge to be transferred from
fV1 to fV2 and
subsequently into the A HCCD. The A register can now be
read out in single line mode. If it is desired to operate the
device in a dual line readout mode for higher frame rates, this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com