Electronic Components Datasheet Search
  English  ▼

X  

KAI-1010 Datasheet(PDF) 15 Page - ON Semiconductor

Part # KAI-1010
Description  Interline CCD Image Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-1010 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button KAI-1010 Datasheet HTML 11Page - ON Semiconductor KAI-1010 Datasheet HTML 12Page - ON Semiconductor KAI-1010 Datasheet HTML 13Page - ON Semiconductor KAI-1010 Datasheet HTML 14Page - ON Semiconductor KAI-1010 Datasheet HTML 15Page - ON Semiconductor KAI-1010 Datasheet HTML 16Page - ON Semiconductor KAI-1010 Datasheet HTML 17Page - ON Semiconductor KAI-1010 Datasheet HTML 18Page - ON Semiconductor KAI-1010 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
KAI−1010
www.onsemi.com
15
Table 13. AC TIMING REQUIREMENTS FOR 20 MHZ OPERATION
Description
Symbol
Min.
Nom.
Max.
Unit
Figure
Reset Pulse Width
tfR
−
10
−
ns
Figure 12
Electronic Shutter Pulse Width
tES
10
25
−
ms
Figure 13
Integration Time (Note 1)
tINT
0.1
−
ms
Figure 13
Photodiode to VCCD Transfer Pulse Width (Note 2)
tfVH
4
5
−
ms
Figure 9
Clamp Delay
tCD
−
15
−
ns
Figure 12
Clamp Pulse Width
tCP
−
15
−
ns
Figure 12
Sample Delay
tSD
−
35
−
ns
Figure 12
Sample Pulse Width
tSP
−
15
−
ns
Figure 12
Vertical Readout Delay
tRD
10
−
−
ms
Figure 9
fV1, fV2 Pulse Width
tfV
3
−
−
ms
Figure 10
Clock Frequency
fH1A, fH1B, fH2
tfH
−
20
−
MHz
Figure 12
Line A to Line B Transfer Pulse Width
tfAB
−
3
−
ms
Figure 15
Horizontal Delay
tfHD
3
−
−
ms
Figure 10
Vertical Delay
tfVD
25
−
−
ns
Figure 10
Horizontal Delay with Electronic Shutter
tfHVES
1
−
−
ms
Figure 13
1. Integration time varies with shutter speed. It is to be noted that smear increases when integration time decreases below readout time (frame
time). Photodiode dark current increases when integration time increases, while CCD dark current increases with readout time (frame time).
2. Anti-blooming function is off during photodiode to VCCD transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com