Electronic Components Datasheet Search
  English  ▼

X  

LM4121 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4121
Description  LM4121 Precision Micropower Low Dropout Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4121 Datasheet(HTML) 4 Page - Texas Instruments

  LM4121 Datasheet HTML 1Page - Texas Instruments LM4121 Datasheet HTML 2Page - Texas Instruments LM4121 Datasheet HTML 3Page - Texas Instruments LM4121 Datasheet HTML 4Page - Texas Instruments LM4121 Datasheet HTML 5Page - Texas Instruments LM4121 Datasheet HTML 6Page - Texas Instruments LM4121 Datasheet HTML 7Page - Texas Instruments LM4121 Datasheet HTML 8Page - Texas Instruments LM4121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM4121
SNVS073C – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
LM4121-1.250V (continued)
Unless otherwise specified VIN = 3.3V, ILOAD = 0, COUT = 0.01µF, TA = Tj = 25°C. Limits with standard typeface are for Tj =
25°C, and limits in boldface type apply over the
−40°C ≤ TA ≤ +85°C temperature range.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
ΔVOUT
Long Term Stability
1000 hrs. @ 25°C
100
ppm
(4)
(4)
Long term stability is change in VREF at 25°C measured continuously during 1000 hrs.
Electrical Characteristics
LM4121-ADJ
Unless otherwise specified VIN = 3.3V, VOUT = VREF, ILOAD = 0, COUT = 0.01µF, TA = Tj = 25°C. Limits with standard typeface
are for Tj = 25°C, and limits in boldface type apply over the −40°C ≤ TA ≤ +85°C temperature range.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
VOUT = VREF
Output Voltage Initial
Accuracy
1.216
±0.2
%
LM4121A-ADJ
LM4121-ADJ
±0.5
TCVREF/°C
Temperature
−40°C ≤ TA ≤ +125°C
14
50
ppm/°c
Coefficient
ΔVREF/ΔVIN
Line Regulation
1.8V
≤ VIN ≤ 12V
0.0007
0.009
%/V
0.012
0 mA
≤ ILOAD ≤ 1 mA
0.03
0.08
0.17
1 mA
≤ ILOAD ≤ 5 mA
0.01
0.04
ΔVOUT/ΔILOAD
Load Regulation
%/mA
0.1
−1 mA ≤ ILOAD ≤ 0 mA
0.04
0.12
−5 mA ≤ ILOAD ≤ −1 mA
0.01
Minimum Operating
ILOAD = 5 mA
1.5
1.8
V
Min-VIN
Voltage
VN
Output Noise Voltage
0.1 Hz to 10 Hz
20
µVPP
(3)
10 Hz to 10 kHz
30
µVRMS
IS
Supply Current
160
250
µA
275
ISS
Power-down Supply
VIN = 12V
Current
Enable = 0.4V
1
µA
Enable = 0.2V
2
IBIAS
Reference Pin Bias
(4)
15
40
nA
Current
VH
Logic High Input
1.6
1.5
V
Voltage
VL
Logic Low Input
0.4
V
Voltage
0.2
IH
Logic High Input
7
15
µA
Current
IL
Logic Low Input
0.1
µA
Current
VOUT = 0
15
6
30
ISC
Short Circuit Current
mA
VIN = 12V, VOUT = 0
17
6
30
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate TI's Averaging Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Output noise for 1.25V option. Noise is proportional to VOUT.
(4)
Bias Current flows out of the Adjust pin.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com