Electronic Components Datasheet Search
  English  ▼

X  

LM4121 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM4121
Description  LM4121 Precision Micropower Low Dropout Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4121 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4121 Datasheet HTML 8Page - Texas Instruments LM4121 Datasheet HTML 9Page - Texas Instruments LM4121 Datasheet HTML 10Page - Texas Instruments LM4121 Datasheet HTML 11Page - Texas Instruments LM4121 Datasheet HTML 12Page - Texas Instruments LM4121 Datasheet HTML 13Page - Texas Instruments LM4121 Datasheet HTML 14Page - Texas Instruments LM4121 Datasheet HTML 15Page - Texas Instruments LM4121 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LM4121
SNVS073C – APRIL 2000 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS
Output (Pin 5)
Reference Output.
Input (Pin 4)
Positive Supply.
Ground (Pin 2)
Negative Supply or Ground Connection
Enable (Pin 3)
Pulled to input for normal operation. Forcing this pin to ground will turn-off the output.
REF (Pin 1)
REF Pin (1.25V option only). This pin should be left unconnected for 1.25V option.
Adj (Pin 1)
VOUT Adj Pin (Adjustable option only). See Application Hints section.
APPLICATION HINTS
The standard application circuit for the LM4121 is shown in Figure 34. The output voltage is set with the two
feedback resistors, according to the following formula:
VOUT = [Vref(1+ R1/R2] − Ibias• R1
(1)
Values for R1 and R2 should be chosen to be less than 1 M
Ω. Ibias typically flows out of the adjust pin. Values for
Vref and Ibias are found in the Electrical Characteristics - LM4121-1.250V and Electrical Characteristics - LM4121-
ADJ tables. For best accuracy, be sure to take into account the variation of VREF with input voltage, load and
output voltage.
The LM4121 is designed to be stable with ceramic output capacitors in the range of 0.022µF to 0.047µF. Note
that 0.022µF is the minimum required output capacitor. These capacitors typically have an ESR of about 0.1 to
0.5
Ω. Smaller ESR can be tolerated, however larger ESR can not. The output capacitor can be increased to
improve load transient response, up to about 1µF. However, values above 0.047µF must be tantalum. With
tantalum capacitors, in the 1µF range, a small capacitor between the output and the reference (Adj) pin is
required. This capacitor will typically be in the 50pF range. Care must be taken when using output capacitors of
1µF or larger. These application must be thoroughly tested over temperature, line and load. Also, when the
LM4121 is used as a controller, with external active components, each application must be carefully tested to
ensure a stable design. The adjust pin is sensitive to noise and capacitive loading. The trace to this pin must be
as short as possible and the feedback resistors should be close to this pin. Also, a single point ground to the
LM4121 will help ensure good accuracy at high load currents.
An input capacitor is typically not required. However, a 0.1µF ceramic can be used to help prevent line transients
from entering the LM4121. Larger input capacitors should be tantalum or aluminium.
The enable pin is an analog input with very little hysteresis. About 6µA into this pin is required to turn the part on,
and it must be taken close to GND to turn the part off (see Electrical Characteristics - LM4121-1.250V and
Electrical Characteristics - LM4121-ADJ tables for thresholds). There is a minimum slew rate on this pin of about
0.003V/µS to prevent glitches on the output. All of these conditions can easily be met with ordinary CMOS or
TTL logic. If the shutdown feature is not required, then this pin can safely be connected directly to the input
supply. Floating this pin is not recommended.
Figure 34. Standard Application Circuit
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com