Electronic Components Datasheet Search
  English  ▼

X  

LM4121 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4121
Description  LM4121 Precision Micropower Low Dropout Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4121 Datasheet(HTML) 2 Page - Texas Instruments

  LM4121 Datasheet HTML 1Page - Texas Instruments LM4121 Datasheet HTML 2Page - Texas Instruments LM4121 Datasheet HTML 3Page - Texas Instruments LM4121 Datasheet HTML 4Page - Texas Instruments LM4121 Datasheet HTML 5Page - Texas Instruments LM4121 Datasheet HTML 6Page - Texas Instruments LM4121 Datasheet HTML 7Page - Texas Instruments LM4121 Datasheet HTML 8Page - Texas Instruments LM4121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM4121
SNVS073C – APRIL 2000 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Figure 2. SOT23-5 Surface Mount Package
Figure 3. SOT23-5 Surface Mount Package
Table 1. SOT-23 Package Marking Information(1)
Field Information
First Field:
R = Reference
Second and third Field:
19 = 1.250V Voltage Option
20 = Adjustable
Fourth Field:
A-B = Initial Reference Voltage Tolerance
A = ±0.2%
B = ±0.5%
(1)
Only four fields of marking are possible on the SOT-23's small surface. This table gives the meaning of the four fields.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Maximum Voltage on input or enable pins
−0.3V to 14V
Output Short-Circuit Duration
Indefinite
Power Dissipation (TA = 25°C)
(3):
DBV0005B package
− θJA
280°C/W
Power Dissipation
350 mW
ESD Susceptibility (4)
Human Body Model
2 kV
Machine Model
200V
Lead Temperature:
Soldering, (10 sec.)
+260°C
Vapor Phase (60 sec.)
+215°C
Infrared (15 sec.)
+220°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see Electrical Characteristics - LM4121-1.250V and Electrical Characteristics - LM4121-ADJ tables. The ensured
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated
under the listed test conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Without PCB copper enhancements. The maximum power dissipation must be de-rated at elevated temperatures and is limited by TJMAX
(maximum junction temperature),
θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). The maximum power
dissipation at any temperature is: PDissMAX = (TJMAX − TA)/θJ-A up to the value listed in the Absolute Maximum Ratings.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com