Electronic Components Datasheet Search
  English  ▼

X  

LM4121 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM4121
Description  LM4121 Precision Micropower Low Dropout Voltage Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4121 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4121 Datasheet HTML 7Page - Texas Instruments LM4121 Datasheet HTML 8Page - Texas Instruments LM4121 Datasheet HTML 9Page - Texas Instruments LM4121 Datasheet HTML 10Page - Texas Instruments LM4121 Datasheet HTML 11Page - Texas Instruments LM4121 Datasheet HTML 12Page - Texas Instruments LM4121 Datasheet HTML 13Page - Texas Instruments LM4121 Datasheet HTML 14Page - Texas Instruments LM4121 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM4121
www.ti.com
SNVS073C – APRIL 2000 – REVISED APRIL 2013
LM4121-ADJ Typical Operating Characteristics (continued)
Unless otherwise specified, VIN = 3.3V, VOUT = 1.2V, ILOAD = 0, COUT = 0.022µF, TA = 25°C and VEN = VIN.
Change In Reference Voltage
vs
Adjust Pin Bias Current
Output Voltage
Figure 30.
Figure 31.
Bode Plot
Bode Plot
Figure 32.
Figure 33.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com