Electronic Components Datasheet Search
  English  ▼

X  

LM5015 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5015
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5015 Datasheet(HTML) 5 Page - Texas Instruments

  LM5015_15 Datasheet HTML 1Page - Texas Instruments LM5015_15 Datasheet HTML 2Page - Texas Instruments LM5015_15 Datasheet HTML 3Page - Texas Instruments LM5015_15 Datasheet HTML 4Page - Texas Instruments LM5015_15 Datasheet HTML 5Page - Texas Instruments LM5015_15 Datasheet HTML 6Page - Texas Instruments LM5015_15 Datasheet HTML 7Page - Texas Instruments LM5015_15 Datasheet HTML 8Page - Texas Instruments LM5015_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM5015
www.ti.com
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of −40°C
to + 125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. VVIN = 48V, RRT = 31.6 kΩ unless
otherwise stated. See
(1).
Symbol
Parameters
Conditions
Min
Typ
Max
Units
COMP to SW Delay
50
ns
Unity Gain Bandwidth
4
MHz
SOFT START
Soft-start Current Source
8
11
14
µA
Soft-start to COMP Offset
0.3
0.5
0.7
V
THERMAL SHUTDOWN
TSD
Thermal Shutdown Threshold
165
°C
Thermal Shutdown Hysteresis
25
°C
THERMAL RESISTANCE
θJC
Junction to Case
6.6
°C/W
θJA
Junction to Ambient
40
°C/W
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com