Electronic Components Datasheet Search
  English  ▼

X  

LM5015 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5015
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5015 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5015_15 Datasheet HTML 13Page - Texas Instruments LM5015_15 Datasheet HTML 14Page - Texas Instruments LM5015_15 Datasheet HTML 15Page - Texas Instruments LM5015_15 Datasheet HTML 16Page - Texas Instruments LM5015_15 Datasheet HTML 17Page - Texas Instruments LM5015_15 Datasheet HTML 18Page - Texas Instruments LM5015_15 Datasheet HTML 19Page - Texas Instruments LM5015_15 Datasheet HTML 20Page - Texas Instruments LM5015_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
COMP
SS
SOFT-START
CAPACITOR
LM5015
CSS
11 PA
ENABLE
VDD
PWM
CURRENT
LIMIT
1.5V
1.3V
VDD (5V)
1.26V
5k
FB
VOUT
EN
LM5015
VPWR
1.26V
STANDBY
R1
R2
0.45V
SHUTDOWN
OFF
STANDBY
LM5015
www.ti.com
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
Figure 19. Remote Standby and Disable Control
SOFT-START
Soft-start is implemented with an external capacitor CSS connected to the SS pin as shown in Figure 20. The SS
discharge MOSFET conducts during Shutdown and Standby modes. When the SS pin is low, the COMP voltage
is held below the PWM offset voltage (1.3V) by the SS buffer amplifier, thus inhibiting PWM pulses. When the EN
pin exceeds the 1.26V standby threshold, the ENABLE signal will turn-off the SS discharge MOSFET and allow
the internal 11 µA current source to charge the SS capacitor. The COMP voltage will follow the SS voltage under
the control of the open-drain SS buffer amplifier. The CSS capacitor will cause the COMP voltage to gradually
increase, until the output voltage achieves regulation, and the error amplifier assumes control of the COMP and
the PWM duty cycle. The CSS capacitor continues charging by the internal 11 µA current source, preventing the
SS voltage from interfering with the normal error amplifier function. During shutdown, the SS discharge MOSFET
conducts to discharge the CSS capacitor.
Figure 20. Soft-Start
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com