Electronic Components Datasheet Search
  English  ▼

X  

LM5015 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5015
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5015 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5015_15 Datasheet HTML 8Page - Texas Instruments LM5015_15 Datasheet HTML 9Page - Texas Instruments LM5015_15 Datasheet HTML 10Page - Texas Instruments LM5015_15 Datasheet HTML 11Page - Texas Instruments LM5015_15 Datasheet HTML 12Page - Texas Instruments LM5015_15 Datasheet HTML 13Page - Texas Instruments LM5015_15 Datasheet HTML 14Page - Texas Instruments LM5015_15 Datasheet HTML 15Page - Texas Instruments LM5015_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
PWM
FB
1.26V
5k
COMP
VDD
1.3V
VOUT
LM5015
RFB
R1
R2
C2
C1
Hz
0
=
2
2
C
R
2
1
x
x
S
=
EA
F
POLE
_
DC
ZERO
F
POLE
F
=
¸¸
¹
·
¨
x
2
1
2
1
C
C
C
C
1
¨
©
§
x
x
S
2
R
2
LM5015
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
www.ti.com
Figure 15. Type II Compensator
When isolation between primary and secondary circuits is required, the Error Amplifier is usually disabled by
connecting the FB pin to AGND. This allows the COMP pin to be driven directly by the collector of an opto-
coupler. In isolated designs the error amplifier is located on the secondary circuit and drives the opto-coupler
LED. The compensation network is connected to the secondary side error amplifier. An example of an isolated
regulator with an opto-coupler is shown in Figure 25.
Current Sense Amplifier
The LM5015 employs peak current mode control which also provides a cycle-by-cycle over current protection
feature. An internal 42 milli-Ohm current sense resistor measures the current in the low side power MOSFET
source. The sense resistor voltage is amplified 30 times to provide a 1.25V/A signal into the current limit
comparator. Current limiting is initiated if the internal current limit comparator input exceeds the 1.5V threshold,
corresponding to 1.2A. When the current limit comparator is triggered, the HO and LO output pins immediately
switches to the high impedance state.
The current sense signal provides the PWM comparator with a control signal that reaches 1.5V when the
MOSFET current is 1.2A. To prevent erratic operation at low duty cycle, a leading edge blanking circuit
attenuates the current sense signal for 100 ns when the power MOSFET is turned on. When the MOSFET is
initially turned on, current spikes from the power MOSFET drain-source and gate-source capacitances flow
through the current sense resistor. These transient currents normally cease within 50 ns with proper selection of
rectifier diodes and proper PC board layout.
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the IC in the event the maximum junction temperature
is exceeded. When the 165°C junction temperature threshold is reached, the regulator is forced into a low power
standby state, disabling all functions except the VCC regulator. Thermal hysteresis allows the IC to cool down by
25°C before it is re-enabled.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com