Electronic Components Datasheet Search
  English  ▼

X  

LM5015 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5015
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5015 Datasheet(HTML) 3 Page - Texas Instruments

  LM5015_15 Datasheet HTML 1Page - Texas Instruments LM5015_15 Datasheet HTML 2Page - Texas Instruments LM5015_15 Datasheet HTML 3Page - Texas Instruments LM5015_15 Datasheet HTML 4Page - Texas Instruments LM5015_15 Datasheet HTML 5Page - Texas Instruments LM5015_15 Datasheet HTML 6Page - Texas Instruments LM5015_15 Datasheet HTML 7Page - Texas Instruments LM5015_15 Datasheet HTML 8Page - Texas Instruments LM5015_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM5015
www.ti.com
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN to AGND
76V
BST to AGND
90V
PVIN to HO, LO, PGND
76V
HO to PGND (Steady State)
-3V to 76V
LO to PGND (Steady State)
-0.3V to 76V
BST to VCC
76V
BST to HO
14V
VCC, EN to AGND
14V
COMP, FB, RT, SS to AGND
-0.3V to 7V
PGND to AGND
-0.3V to +0.3V
CFB Sink Current
10 mA
Maximum Junction Temperature
150°C
Storage Temperature
−65°C to + 150°C
ESD Rating
Human Body Model(3)
2 kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test Method is per JESD-22-A114.
Operating Ratings
VIN
4.25V to 75V
Operation Junction Temperature
−40°C to + 125°C
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com