Electronic Components Datasheet Search
  English  ▼

X  

ENA1007 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ENA1007
Description  8-bit 1-chip Microcontroller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1007 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ENA1007 Datasheet HTML 9Page - ON Semiconductor ENA1007 Datasheet HTML 10Page - ON Semiconductor ENA1007 Datasheet HTML 11Page - ON Semiconductor ENA1007 Datasheet HTML 12Page - ON Semiconductor ENA1007 Datasheet HTML 13Page - ON Semiconductor ENA1007 Datasheet HTML 14Page - ON Semiconductor ENA1007 Datasheet HTML 15Page - ON Semiconductor ENA1007 Datasheet HTML 16Page - ON Semiconductor ENA1007 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LC87F6D64A
No.A1007-13/19
2. SIO1 Serial I/O Characteristics (Note 4-2-1)
Parameter
Symbol
Pin/
Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Frequency
tSCK(3)
SCK1(P15)
See Fig. 6.
2.5 to 5.5
2
tCYC
Low level
pulse width
tSCKL(3)
1
High level
pulse width
tSCKH(3)
1
Frequency
tSCK(4)
SCK1(P15)
• CMOS output selected
• See Fig. 6.
2.5 to 5.5
2
Low level
pulse width
tSCKL(4)
1/2
tSCK
High level
pulse width
tSCKH(4)
1/2
Data setup time
tsDI(2)
SB1(P14),
SI1(P14)
• Must be specified with
respect to rising edge of
SIOCLK.
• See Fig. 6.
2.5 to 5.5
0.03
μs
Data hold time
thDI(2)
2.5 to 5.5
0.03
Output delay time
tdD0(4)
SO1(P13),
SB1(P14)
• Must be specified with
respect to falling edge of
SIOCLK.
• Must be specified as the
time to the beginning of
output state change in
open drain output mode.
• See Fig. 6.
2.5 to 5.5
(1/3)tCYC
+0.05
Note 4-2-1: These specifications are theoretical values. Add margin depending on its use.
Pulse Input Conditions at Ta = -40°C to +85°C, VSS1 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
High/low level
pulse width
tPIH(1)
tPIL(1)
INT0(P70),
INT1(P71),
INT2(P16)
• Interrupt acceptable
• Events to timer 0, 1 can be input.
2.5 to 5.5
1
tCYC
tPIH(2)
tPIL(2)
INT3(P17)
(Noise rejection ratio
set to 1/1.)
• Interrupt acceptable
• Events to timer 0 can be input.
2.5 to 5.5
2
tPIH(3)
tPIL(3)
INT3(P17)
(Noise rejection ratio
set to 1/32.)
• Interrupt acceptable
• Events to timer 0 can be input.
2.5 to 5.5
64
tPIH(4)
tPIL(4)
INT3(P17)
(Noise rejection ratio
set to 1/128.)
• Interrupt acceptable
• Events to timer 0 can be input.
2.5 to 5.5
256
tPIL(5)
RES
Reset possible
2.5 to 5.5
200
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com