Electronic Components Datasheet Search
  English  ▼

X  

ENA1007 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ENA1007
Description  8-bit 1-chip Microcontroller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1007 Datasheet(HTML) 4 Page - ON Semiconductor

  ENA1007 Datasheet HTML 1Page - ON Semiconductor ENA1007 Datasheet HTML 2Page - ON Semiconductor ENA1007 Datasheet HTML 3Page - ON Semiconductor ENA1007 Datasheet HTML 4Page - ON Semiconductor ENA1007 Datasheet HTML 5Page - ON Semiconductor ENA1007 Datasheet HTML 6Page - ON Semiconductor ENA1007 Datasheet HTML 7Page - ON Semiconductor ENA1007 Datasheet HTML 8Page - ON Semiconductor ENA1007 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LC87F6D64A
No.A1007-4/19
System Clock Divider Function
• Able to reduce current consumption
Available minimum instruction cycle time: 300ns, 600ns, 1.2
μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs, 38.4μs, 76.8μs.
(Using 10MHz main clock)
Standby Function
• HALT mode
HALT mode is used to reduce power consumption. Program execution is stopped. Peripheral circuits still operate
but VFD display and some serial transfer operations stop.
1) Oscillation circuits are not stopped automatically.
2) Release occurs on system reset or by interrupt.
• HOLD mode
HOLD mode is used to reduce power consumption. Both program execution and peripheral circuits are stopped.
1) The CF, RC, X’tal and frequency variable RC oscillators automatically stop operation.
2) Release occurs on any of the following conditions.
(1) input to the reset pin goes “Low”
(2) a specified level is input to at least one of INT0, INT1, INT2
(3) an interrupt condition arises at port 0
• X’tal HOLD mode.
X’tal HOLD mode is used to reduce power consumption. Program execution is stopped.
All peripheral circuits except the base-timer are stopped.
1) The CF, RC, frequency variable RC oscillation circuits stop automatically.
2) Crystal oscillator is maintained in its state at HOLD mode inception.
3) Release occurs on any of the following conditions.
(1) input to the reset pin goes “Low”
(2) Setting at least one of the INT0, INT1 and INT2 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
(5) Having an interrupt source established in the remote control receiver circuit
On-chip Debugger
• Supports software debugging with the IC mounted on the target board.
Package Form
• QFP80(14×14): Lead-free type
Development Tools
• On-chip debugger: TCB87- type-B + LC87F6D64A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com