Electronic Components Datasheet Search
  English  ▼

X  

ENA1007 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA1007
Description  8-bit 1-chip Microcontroller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1007 Datasheet(HTML) 2 Page - ON Semiconductor

  ENA1007 Datasheet HTML 1Page - ON Semiconductor ENA1007 Datasheet HTML 2Page - ON Semiconductor ENA1007 Datasheet HTML 3Page - ON Semiconductor ENA1007 Datasheet HTML 4Page - ON Semiconductor ENA1007 Datasheet HTML 5Page - ON Semiconductor ENA1007 Datasheet HTML 6Page - ON Semiconductor ENA1007 Datasheet HTML 7Page - ON Semiconductor ENA1007 Datasheet HTML 8Page - ON Semiconductor ENA1007 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LC87F6D64A
No.A1007-2/19
Minimum Bus Cycle Time
• 100ns (10MHz) VDD=3.0 to 5.5V
• 150ns (4MHz) VDD=2.5 to 5.5V
Note: The bus cycle time indicates ROM read time.
Minimum Instruction Cycle Time (tCYC)
• 300ns (10MHz) VDD=3.0 to 5.5V
• 750ns (4MHz) VDD=2.5 to 5.5V
Ports
• Input/output ports
Data direction programmable for each bit individually:
10 (P1n, P7n)
Data direction programmable in nibble units:
8 (P0n)
(When N-channel open drain output is selected, data can be input in bit units.)
• VFD output ports
Large current outputs for digits:
9 (S0/T0 to S8/T8)
Large current outputs for digits/segments:
7 (S9/T9 to S15/T15)
Digit/segment outputs:
8 (S16 to S23)
Segment outputs:
30 (S24 to S53)
• Oscillator pins:
2 (CF1/XT1, CF2/XT2)
• Reset pin:
1 (RES)
• Power supply:
4 (VSS1, VDD1 to VDD3)
• VFD power supply:
1 (VP)
VFD Automatic Display Controller
• Programmable segment/digit output pattern
Output can be switched between digit/segment waveform output
(pins 9 to 23 can be used for output of digit waveforms).
parallel-drive available for large current VFD.
• 16-step dimmer function available
Timers
• Timer 0: 16-bit timer/counter with capture register
Mode 0: 2 channel 8-bit timer with programmable 8-bit prescaler and 8-bit capture register
Mode 1: 8-bit timer with 8-bit programmable prescaler and 8-bit capture register
+ 8-bit counter with 8-bit capture register
Mode 2: 16-bit timer with 8-bit programmable prescaler and 16-bit capture register
Mode 3: 16-bit counter with 16-bit capture register
• Timer 4: 8-bit timer with 6-bit prescaler
• Timer 5: 8-bit timer with 6-bit prescaler
• Base Timer
1) The clock signal can be selected from any of the following.
Sub-clock (32.768kHz crystal oscillator), system clock, and prescaler output from timer 0
2) Interrupts can be selected to occur at one of five different times.
• Day and time counter
1) Using with a base timer, it can be used as 65000 day + minute + second counter.
SIO
• SIO 0: 8-bit synchronous serial interface
1) LSB first /MSB first function available
2) Internal 8-bit baud-rate generator (maximum transmit clock period 4/3 tCYC)
3) Consecutive automatic data communication
(1 to 256 bits (communication available for each bit) (stop and reopening available for each byte))
• SIO 1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial IO (2-wire or 3-wire, transmit clock 2 to 512 tCYC)
Mode 1: Asynchronous serial IO (half duplex, 8 data bits, 1 stop bit, baud rate 8 to 2048 tCYC)
Mode 2: Bus mode 1 (start bit, 8 data bits, transmit clock 2 to 512 tCYC)
Mode 3: Bus mode 2 (start detection, 8 data bits, stop detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com