Electronic Components Datasheet Search
  English  ▼

X  

AX5031 Datasheet(PDF) 6 Page - ON Semiconductor

Part # AX5031
Description  Advanced multi-channel single chip UHF transmitter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5031 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AX5031 Datasheet HTML 2Page - ON Semiconductor AX5031 Datasheet HTML 3Page - ON Semiconductor AX5031 Datasheet HTML 4Page - ON Semiconductor AX5031 Datasheet HTML 5Page - ON Semiconductor AX5031 Datasheet HTML 6Page - ON Semiconductor AX5031 Datasheet HTML 7Page - ON Semiconductor AX5031 Datasheet HTML 8Page - ON Semiconductor AX5031 Datasheet HTML 9Page - ON Semiconductor AX5031 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Pin Function Descriptions
www.onsemi.com
AX5031
6
3.
Pin Function Descriptions
3.1.
Pin List
Symbol
Pin(s)
Type
Description
VDD
1
P
Power supply, must be supplied with regulated voltage VREG
ANTP
2
A
Antenna output
ANTN
3
A
Antenna output
VDD
4
P
Power supply, must be supplied with regulated voltage VREG
NC
5
N
Not connected
NC
6
N
Not connected
SYSCLK
7
I/O
Default functionality: Crystal oscillator (or divided) clock output
Can be programmed to be used as a general purpose I/O pin
SEL
8
I
Serial peripheral interface select
CLK
9
I
Serial peripheral interface clock
MISO
10
O
Serial peripheral interface data output
NC
11
N
Not connected
MOSI
12
I
Serial peripheral interface data input
NC
13
N
Not connected
IRQ
14
I/O
Default functionality: Interrupt
Can be programmed to be used as a general purpose I/O pin
VDD_IO
15
P
Unregulated power supply
NC
16
N
Not connected
VREG
17
P
Regulated output voltage
VDD pins must be connected to this supply voltage
A 1µF low ESR capacitor to GND must be connected to this pin
NC
18
P
Not to be connected
CLK16P
19
A
Crystal oscillator input/output
CLK16N
20
A
Crystal oscillator input/output
GND
centre
pad
P
Ground on center pad of QFN
A = analog signal
I/O
= digital input/output signal
I
= digital input signal
N
= not to be connected
O =
digital output signal
P
= power or ground
All digital inputs are Schmitt trigger inputs, digital input and output levels are LVCMOS/LVTTL compatible and 5V
tolerant
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com