Electronic Components Datasheet Search
  English  ▼

X  

AX5031 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AX5031
Description  Advanced multi-channel single chip UHF transmitter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5031 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AX5031 Datasheet HTML 5Page - ON Semiconductor AX5031 Datasheet HTML 6Page - ON Semiconductor AX5031 Datasheet HTML 7Page - ON Semiconductor AX5031 Datasheet HTML 8Page - ON Semiconductor AX5031 Datasheet HTML 9Page - ON Semiconductor AX5031 Datasheet HTML 10Page - ON Semiconductor AX5031 Datasheet HTML 11Page - ON Semiconductor AX5031 Datasheet HTML 12Page - ON Semiconductor AX5031 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Specifications
www.onsemi.com
AX5031
9
4.2.
DC Characteristics
Supplies
SYMBOL
DESCRIPTION
CONDITION
MIN.
TYP.
MAX.
UNIT
TAMB
Operational ambient temperature
-40
27
85
°C
VDD_IO
I/O and voltage regulator supply
voltage
2.2
3.0
3.6
V
VREG
Internally regulated supply
voltage
Power-down mode
PWRMODE=0x00
1.7
V
All other power modes
2.1
2.5
2.8
V
IPDOWN
Power-down current
PWRMODE=0x00
0.25
μA
ITX
Current consumption TX for
maximum power with default
matching network at 3.3V
VDD_IO, note 1
868 MHz, 15 dBm
44
mA
433 MHz, 15 dBm
45
TXVARVDD
Variation of output power over
voltage
VDD_IO > 2.5V, note 1
+/-
0.5
dB
TXVARTEMP
Variation of output power over
temperature
VDD_IO > 2.5V, note 1
+/-
0.5
dB
Notes:
1. The PA voltage is regulated to 2.5 V. For VDD_IO levels in the range of 2.2 V to 2.5 V the output power drops by typically 1 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com