Electronic Components Datasheet Search
  English  ▼

X  

AX5031 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX5031
Description  Advanced multi-channel single chip UHF transmitter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5031 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX5031 Datasheet HTML 14Page - ON Semiconductor AX5031 Datasheet HTML 15Page - ON Semiconductor AX5031 Datasheet HTML 16Page - ON Semiconductor AX5031 Datasheet HTML 17Page - ON Semiconductor AX5031 Datasheet HTML 18Page - ON Semiconductor AX5031 Datasheet HTML 19Page - ON Semiconductor AX5031 Datasheet HTML 20Page - ON Semiconductor AX5031 Datasheet HTML 21Page - ON Semiconductor AX5031 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Circuit Description
www.onsemi.com
AX5031
18
5.3.
SYSCLK Output
The SYSCLK pin outputs the reference clock signal divided by a programmable integer.
Divisions from 1 to 2048 are possible. For divider ratios > 1 the duty cycle is 50%. Bits
SYSCLK[3:0] in the PINCFG1 register set the divider ratio. The SYSCLK output can be disabled.
5.4.
Power-on-reset (POR)
AX5031 has an integrated power-on-reset block. No external POR circuit or signal is required.
After POR the AX5031 can be reset by SPI accesses, this is achieved by toggling the bit RST in
the PWRMODE register.
After POR or reset all registers are set to their default values.
5.5.
RF Frequency Generation Subsystem
The RF frequency generation subsystem consists of a fully integrated synthesizer, which
multiplies the reference frequency from the crystal oscillator to get the desired RF frequency.
The advanced architecture of the synthesizer enables frequency resolutions of 1 Hz, as well as
fast settling times of 5 – 50 s depending on the settings (see section 4.3: AC Characteristics).
Fast settling times mean fast start-up, which enables low-power system design.
The frequency must be programmed to the desired carrier frequency.
The synthesizer loop bandwidth can be programmed, this serves three purposes:
1. Start-up time optimisation, start-up is faster for higher synthesizer loop bandwidths
2. TX spectrum optimisation, phase-noise at 300 kHz to 1 MHz distance from the carrier
improves with lower synthesizer loop bandwidths
3. Adaptation of the bandwidth to the data-rate. For transmission of FSK and MSK it is
required that the synthesizer bandwidth must be in the order of the data-rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com