Electronic Components Datasheet Search
  English  ▼

X  

AX5031 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AX5031
Description  Advanced multi-channel single chip UHF transmitter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5031 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AX5031 Datasheet HTML 12Page - ON Semiconductor AX5031 Datasheet HTML 13Page - ON Semiconductor AX5031 Datasheet HTML 14Page - ON Semiconductor AX5031 Datasheet HTML 15Page - ON Semiconductor AX5031 Datasheet HTML 16Page - ON Semiconductor AX5031 Datasheet HTML 17Page - ON Semiconductor AX5031 Datasheet HTML 18Page - ON Semiconductor AX5031 Datasheet HTML 19Page - ON Semiconductor AX5031 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Circuit Description
www.onsemi.com
AX5031
16
5.
Circuit Description
The AX5031 is a true single chip low-power CMOS transmitter primarily for use in SRD bands.
The on-chip transmitter consists of a fully integrated RF front-end with modulator, and
demodulator. Base band data processing is implemented in an advanced and flexible
communication controller that enables user friendly communication via the SPI interface.
AX5031 can be operated from a 2.2 V to 3.6 V power supply over a temperature range of
-40oC to 85oC, it consumes 11 - 45 mA for transmitting, depending on the output power.
The AX5031 features make it an ideal interface for integration into various battery powered
SRD solutions such as ticketing or as transmitter for telemetric applications e.g. in sensors. As
primary application, the transmitter is intended for UHF radio equipment in accordance with
the European Telecommunication Standard Institute (ETSI) specification EN 300 220-1 and the
US Federal Communications Commission (FCC) standard CFR47, part 15. The use of AX5031 in
accordance to FCC Par 15.247, allows for improved range in the 915 MHz band. Additionally
AX5031 is compatible with the low frequency standards of 802.15.4 (ZigBee).
The AX5031 receives data via the SPI port in frames. This standard operation mode is called
Frame Mode. Pre and post ambles as well as checksums can be generated automatically.
Interrupts control the data flow between a controller and the AX5031.
The AX5031 behaves as a SPI slave interface. Configuration of the AX5031 is also done via
the SPI interface.
AX5031 supports any data rate from 1 kbps to 350 kbps for FSK and MSK, from 1 kbps to 2000
kbps for ASK and from 10 kbps to 2000 kbps for PSK. To achieve optimum performance for
specific data rates and modulation schemes several register settings to configure the AX5031
are necessary, they are outlined in the following, for details see the AX5031 Programming
Manual.
Spreading is possible on all data rates and modulation schemes. The net transfer rate is
reduced by a factor of 15 in this case. For ZigBee either 600 or 300 kbps modes have to be
chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com