Electronic Components Datasheet Search
  English  ▼

X  

LX1669CD Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1669CD
Description  PROGRAMMABLE DC : DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1669CD Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1669CD Datasheet HTML 1Page - Microsemi Corporation LX1669CD Datasheet HTML 2Page - Microsemi Corporation LX1669CD Datasheet HTML 3Page - Microsemi Corporation LX1669CD Datasheet HTML 4Page - Microsemi Corporation LX1669CD Datasheet HTML 5Page - Microsemi Corporation LX1669CD Datasheet HTML 6Page - Microsemi Corporation LX1669CD Datasheet HTML 7Page - Microsemi Corporation LX1669CD Datasheet HTML 8Page - Microsemi Corporation LX1669CD Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
P ROGRAMMABLE DC:DC C ONTROLLER
LX1669
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1999
Rev. 1.0
4/99
P RODUCTION D AT A S HEET
CHARACTERISTICS CUR VES
70
75
80
85
90
95
100
12
3456
789
10
11
12
13
14
IOUT (A)
EFFICIENCY AT 3.1V
EFFICIENCY AT 2.8V
EFFICIENCY AT 1.8V
FIGURE 1 — Efficiency Test Results:
Non-Synchronous Operation, V
IN = 5V
FIGURE 2 — Efficiency Test Results:
Synchronous Operation, V
IN = 5V
70
75
80
85
90
95
100
12
34
5
6789
10
11
12
13
14
IOUT (A)
EFFICIE NCY A T 3.1V
EFFICIE NCY A T 2.8V
EFFICIE NCY A T 1.8V
BLOCK DIAGRAM
FIGURE 3 — Block Diagram
Error Comp
CS Comp
60mV
4
R
PWM
Q
SQ
Off-Time
Control
PWRGD
6
7
8
VID[0:4]
9
10
AGND
16
PGND
15
BDRV
1
TDRV
2
V
CC12
20k
12
V
FB
11
V
CORE
40mV
Power Good
& OVP
5
OVP
V
REF
DAC
13
Hiccup
I
RESET
Set
V
RESET
SS/ENABLE
C
SS
3
V
CC5
UVLO
+12V
14
V
IN (5V)
ESR
V
CORE
C
OUT
R
SENSE
L
C
IN
UVLO
Hiccup
V
SET
+5V
R
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com