Electronic Components Datasheet Search
  English  ▼

X  

LX1669CD Datasheet(PDF) 14 Page - Microsemi Corporation

Part # LX1669CD
Description  PROGRAMMABLE DC : DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1669CD Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button LX1669CD Datasheet HTML 6Page - Microsemi Corporation LX1669CD Datasheet HTML 7Page - Microsemi Corporation LX1669CD Datasheet HTML 8Page - Microsemi Corporation LX1669CD Datasheet HTML 9Page - Microsemi Corporation LX1669CD Datasheet HTML 10Page - Microsemi Corporation LX1669CD Datasheet HTML 11Page - Microsemi Corporation LX1669CD Datasheet HTML 12Page - Microsemi Corporation LX1669CD Datasheet HTML 13Page - Microsemi Corporation LX1669CD Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
P ROGRAMMABLE DC:DC C ONTROLLER
LX1669
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.0
4/99
14
P RODUCTION D ATA S HEET
APPLICA TION INFORMA TION
LAYOUT GUIDELINES - THERMAL DESIGN
A great deal of time and effort were spent optimizing the thermal
design of the demonstration boards. Any user who intends to
implement an embedded motherboard would be well advised to
carefully read and follow these guidelines. If the FET switches
have been carefully selected, external heatsinking is generally not
required. However, this means that copper trace on the PC board
must now be used. This is a potential trouble spot; as much
copper area as possible must be dedicated to heatsinking the FET
switches, and the diode as well if a non-synchronous solution is
used.
In our demonstration board, heatsink area was taken from
internal ground and V
CC planes which were actually split and
connected with VIAS to the power device tabs. The TO-220 and
TO-263 cases are well suited for this application, and are the
preferred packages. Remember to remove any conformal coating
from all exposed PC traces which are involved in heatsinking.
General Notes
As always, be sure to provide local capacitive decoupling close to
the chip. Be sure use ground plane construction for all high-
frequency work. Use low ESR capacitors where justified, but be
alert for damping and ringing problems. High-frequency designs
demand careful routing and layout, and may require several
iterations to achieve desired performance levels.
Power Traces
To reduce power losses due to ohmic resistance, careful consid-
eration should be given to the layout of traces that carry high
currents. The main paths to consider are:
s Input power from 5V supply to drain of top MOSFET.
s Trace between top MOSFET and lower MOSFET or Schottky
diode.
s Trace between lower MOSFET or Schottky diode and ground.
s Trace between source of top MOSFET and inductor, sense
resistor and load.
s Current traces on both LDO sections
All of these traces should be made as wide and thick as
possible, in order to minimize resistance and hence power losses.
It is also recommended that, whenever possible, the ground, input
and output power signals should be on separate planes (PCB
layers). See Figure 10 – bold traces are power traces.
Pentium is a registered trademark of Intel Corporation.
FIGURE 10 — Power Traces
Output
5V Input
LX1669
PGND
Input Decoupling Capacitors
Ensure that capacitors C8 and C3 are placed as close to the IC as
possible to minimize the effects of noise on the device.
Layout Assistance
Please contact Linfinity’s Applications Engineers for assistance
with any layout or component selection issues. A Gerber file with
layout for the most popular devices is available upon request.
Evaluation boards are also available upon request. Please
check Linfinity's web site for further application notes.
RELA TED DEVICES
LX1668
Triple Output Regulator
(Programmable switching regulator with internal 2.5V
LDO plus linear regulator driver)
PRODUCTION DATA - Information contained in this document is proprietary to Lin Finity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com