Electronic Components Datasheet Search
  English  ▼

X  

LX1669CD Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX1669CD
Description  PROGRAMMABLE DC : DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1669CD Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX1669CD Datasheet HTML 6Page - Microsemi Corporation LX1669CD Datasheet HTML 7Page - Microsemi Corporation LX1669CD Datasheet HTML 8Page - Microsemi Corporation LX1669CD Datasheet HTML 9Page - Microsemi Corporation LX1669CD Datasheet HTML 10Page - Microsemi Corporation LX1669CD Datasheet HTML 11Page - Microsemi Corporation LX1669CD Datasheet HTML 12Page - Microsemi Corporation LX1669CD Datasheet HTML 13Page - Microsemi Corporation LX1669CD Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
P ROGRAMMABLE DC:DC C ONTROLLER
LX1669
PRODUCT DA T ABOOK 1996/1997
11
Copyright © 1999
Rev. 1.0
4/99
P RODUCTION D AT A S HEET
APPLICA TION INFORMA TION
OUTPUT CAPACITOR (continued)
excursion in the transient.
Adaptive voltage positioning in-
creases the value of V
EX, allowing a higher ESR value and
reducing the cost of the output capacitor.
The positioning
voltage is 40mV (peak), using the LX1669, and the transient
tolerance is 100mV, resulting in a V
EX of 140mV (see Figure 4).
Electrolytic capacitors can be used for the output capacitor,
but are less stable with age than tantalum capacitors. As they age,
their ESR degrades, reducing the system performance and
increasing the risk of failure. It is recommended that multiple
parallel capacitors be used, so that, as ESR increases with age,
overall performance will still meet the processor’s requirements.
There is frequently strong pressure to use the least expensive
components possible, however, this could lead to degraded
long-term reliability, especially in the case of filter capacitors.
Linfinity’s demonstration boards use Sanyo MV-GX filter capaci-
tors, which are aluminum electrolytic, and have demonstrated
reliability. The Oscon series from Sanyo generally provides the
very best performance in terms of long term ESR stability and
general reliability, but at a substantial cost penalty. The MV-GX
series provides excellent ESR performance at a reasonable cost.
Beware of off-brand, very low-cost filter capacitors, which have
been shown to degrade in both ESR and general electrolytic
characteristics over time.
INPUT CAPACITOR
The input capacitor and the input inductor are to filter the
pulsating current generated by the buck converter to reduce
interference to other circuits connected to the same 5V rail. In
addition, the input capacitor provides local de-coupling the buck
converter. The capacitor should be rated to handle the RMS
current requirement. The RMS current is:
I
RMS = IL √ d(1-d)
where I
L is the inductor current and the d is the duty cycle. The
maximum value, when d = 50%, I
RMS = 0.5IL.
For 5V input and
output in the range of 2 to 3V, the required RMS current is very
close to 0.5I
L.
A high-frequency (ceramic) capacitor should be placed
across the drain of the top MOSFET and the source of the bottom
one to avoid ringing due to the parasitic inductor being switched
ON and OFF. See capacitor C7 in the Product Highlight.
SOFT-START CAPACITOR
The value of the soft-start capacitor determines how fast the
output voltage rises and how large the inductor current is
required to charge the output capacitor. The output voltage will
follow the voltage at SS pin if the required inductor current does
not exceed the maximum current in the inductor.
SOFT-START CAPACITOR (continued)
The SS pin voltage can be expressed as:
V
SS = VSET (1-e
-t/RssCss)
where V
SET is the output of the DAC. RSS and CSS are soft start
resistor and capacitor, as shown in Figure 3.
The required
inductor current for the output capacitor to follow the SS-pin
voltage equals the required capacitor current plus the load
current. The soft-start capacitor should be selected so that the
overall inductor current does not exceed it maximum.
The capacitor current to follow the SS-pin voltage is:
where C
OUT is the output capacitance.
The typical value of
C
SS should be in the range of 0.1 to 0.2µF.
During the soft-start interval, before the PWRGD signal
becomes valid, the load current from a microprocessor is
negligible; therefore, the capacitor current is approximately the
required inductor current.
CURRENT LIMIT
Current limiting occurs when a sensed voltage, proportional to
load current, exceeds the current-sense comparator threshold
value. The current can be sensed either by using a fixed sense
resistor in series with the inductor to cause a voltage drop
proportional to current, or by using a resistor and capacitor in
parallel with the inductor to sense the voltage drop across the
parasitic resistance of the inductor. The LX1669 has a threshold
of 60mV.
Sense Resistor
The current sense resistor, R
SENSE, is selected according to the
formula:
R
SENSE = VTRIP / ITRIP
Where V
TRIP is the current sense comparator threshold (60mV)
and I
TRIP is the desired current limit. Typical choices are shown
below.
Sense Resistor
Load
Value
Pentium-Class Processor (<10A)
5m
Ω
Pentium II Class (>10A)
2.5m
Ω
TABLE 2 - Current Sense Resistor Selection Guide
I
Cout = COUT
=* e-(t/RssCss )
dV
dt
C
OUT
C
SS
A smaller sense resistor will result in lower heat dissipation
(I²R) and also a smaller output voltage droop at higher currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com