Electronic Components Datasheet Search
  English  ▼

X  

LX1669CD Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX1669CD
Description  PROGRAMMABLE DC : DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1669CD Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX1669CD Datasheet HTML 6Page - Microsemi Corporation LX1669CD Datasheet HTML 7Page - Microsemi Corporation LX1669CD Datasheet HTML 8Page - Microsemi Corporation LX1669CD Datasheet HTML 9Page - Microsemi Corporation LX1669CD Datasheet HTML 10Page - Microsemi Corporation LX1669CD Datasheet HTML 11Page - Microsemi Corporation LX1669CD Datasheet HTML 12Page - Microsemi Corporation LX1669CD Datasheet HTML 13Page - Microsemi Corporation LX1669CD Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
P ROGRAMMABLE DC:DC C ONTROLLER
LX1669
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.0
4/99
10
P RODUCTION D ATA S HEET
APPLICA TION INFORMA TION
OUTPUT INDUCTOR
The output inductor should be selected to meet the requirements
of the output voltage ripple in steady-state operation and the
inductor current slew-rate during transient.
The peak-to-peak output voltage ripple is:
V
RIPPLE = ESR * IRIPPLE
where
I
RIPPLE =
*
I
RIPPLE is the inductor ripple current, L is the output inductor
value and ESR is the Effective Series Resistance of the output
capacitor.
I
RIPPLE should typically be in the range of 20% to 40% of the
maximum output current. Higher inductance results in lower
output voltage ripple, allowing slightly higher ESR to satisfy the
transient specification. Higher inductance also slows the induc-
tor current slew rate in response to the load-current step change,
∆I, resulting in more output-capacitor voltage droop. The
inductor-current rise and fall times are:
T
RISE = L * ∆I/(VIN – VOUT )
and
T
FALL = L * ∆I/VOUT
When using electrolytic capacitors, the capacitor voltage
droop is usually negligible, due to the large capacitance.
For higher current applications, such as Pentium II proces-
sors, a 2.5µH inductor is recommended for the best combination
of fast response and manageable ripple voltage.
For lower
current applications, such as Pentium and other Socket 7
processors, a 5µH inductor is sufficient. The effect of different
inductor values is shown in Figure 6 above.
Notice how, with a smaller inductor, transient response time
is improved, but at the expense of much greater ripple.
INPUT INDUCTOR
In order to supply faster transient load changes, a smaller output
inductor is needed. However, reducing the size of the output
inductor will result in a higher ripple voltage on the input supply,
as shown in Figure 6 above. This noise on the 5V rail can affect
other system components, such as graphics cards. It is recom-
mended that a 1 – 1.5µH inductor, L2, is used on input to the
regulator, to filter the ripple on the 5V supply. Ensure that this
inductor has the same current rating as the output inductor.
OUTPUT CAPACITOR
The output capacitor is sized to meet ripple and transient
performance specifications. Effective Series Resistance (ESR) is
a critical parameter. When a step load current occurs, the output
voltage will have a step that equals the product of the ESR and
the current step,
∆I. In an advanced microprocessor power
supply, the output capacitor is usually selected for ESR instead
of capacitance or RMS current capability.
A capacitor that
satisfies the ESR requirement usually has a larger capacitance and
current capability than strictly needed. The allowed ESR can be
found by:
ESR * (I
RIPPLE + ∆I ) < VEX
where I
RIPPLE is the inductor ripple current,∆I is the maximum
load current step change, and V
EX is the allowed output voltage
(V
IN - VOUT )
f
SW * L
V
OUT
V
IN
FIGURE 6 — Effect Of Different Inductor Values
L
OUT = 5µH, LIN = 0
Input Ripple Voltage
Output Voltage
(2.8V Set Point)
Input Current
L
OUT = 2.2µH, LIN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com